Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8819AEFT330Z Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8819AEFT330Z
Description  Low Dropout 600mA CMOS Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819AEFT330Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8819AEFT330Z Datasheet HTML 1Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 2Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 3Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 4Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 5Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 6Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 7Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 8Page - Analog Microelectronics AME8819AEFT330Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AME
AME8819
Low Dropout
600mA CMOS Regulator
4
Rev.B.01
n Pin Description
Pin Name
Pin Description
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
GND
Ground connection pin.
OUT
LDO voltage regulator output pin.
It should be decoupled with a 2.2
µF or greater value low ESR ceramic capacitor.
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming less than 10µA.
ADJ
Feedback output voltage for adjustable device.


Similar Part No. - AME8819AEFT330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819AEFT120Z AME-AME8819AEFT120Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
AME8819AEFT150Z AME-AME8819AEFT150Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
AME8819AEFT180Z AME-AME8819AEFT180Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
AME8819AEFT250Z AME-AME8819AEFT250Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
AME8819AEFT280Z AME-AME8819AEFT280Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819AEFT330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com