Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86167-1000 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 86167-1000
Description  SC Duplex Connectors & Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86167-1000 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  86167-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 86167-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 86167-1000 Datasheet HTML 3Page - Molex Electronics Ltd. 86167-1000 Datasheet HTML 4Page - Molex Electronics Ltd. 86167-1000 Datasheet HTML 5Page - Molex Electronics Ltd. 86167-1000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Standard Part Numbers
Order Number
Description
Hole size "D"
Cable size
86066-0000
SC duplex connector, MM, zirconia PC+ ferrule, beige housing, beige boot
127µm
3.0mm
86066-0300
SC duplex connector, MM, zirconia PC+ ferrule, beige housing, beige boot
127µm
2.4mm
86066-3000
SC duplex connector, MM, zirconia PC ferrule, enhanced beige housing, beige boot
128µm
3.0mm
86066-3300
SC duplex connector, MM, zirconia PC ferrule, enhanced beige housing, beige boot
128µm
2.4mm
86066-8000
SC duplex connector, MM, stainless steel ferrule, beige housing, beige boot
127µm
3.0mm
86066-8300
SC duplex connector, MM, stainless steel ferrule, beige housing, beige boot
127µm
2.4mm
86066-0070
SC duplex connector, MM, zirconia PC+ ferrule, black housing, black boot
127µm
3.0mm
86066-0370
SC duplex connector, MM, zirconia PC+ ferruleblack housing, black boot
127µm
2.4mm
86066-3070
SC duplex connector, MM, zirconia PC ferrule, enhanced black housing, black boot
128µm
3.0mm
86066-3370
SC duplex connector, MM, zirconia PC ferrule, enhanced black housing, black boot
128µm
2.4mm
86066-4000
SC duplex connector, SM, zirconia PC ferrule, blue housing, yellow boot
125µm
3.0mm
86066-4300
SC duplex connector, SM, zirconia PC ferrule, blue housing, yellow boot
125µm
2.4mm
86066-5000
SC duplex connector, SM, zirconia PC ferrule, blue housing, yellow boot
126µm
3.0mm
86066-5300
SC duplex connector, SM, zirconia PC ferrule, blue housing, yellow boot
126µm
2.4mm
86066-7000
SC duplex connector, SM, zirconia PC ferrule, blue housing, yellow boot
127µm
3.0mm
86066-7300
SC duplex connector, SM, zirconia PC ferrule, blue housing, yellow boot
127µm
2.4mm
86034-0000
SC fibre channel duplex connector, MM, beige housing, beige boot, tunable
127µm
3.0mm
86034-0070
SC fibre channel duplex connector, MM, black housing, black boot, tunable
127µm
3.0mm
86034-3000
SC fibre channel duplex connector, MM, beige housing, beige boot, tunable
128µm
3.0mm
86034-3070
SC fibre channel duplex connector, MM, black housing, black boot, tunable
128µm
3.0mm
86034-5000
SC fibre channel duplex connector, SM, blue housing, blue boot, tunable
126µm
3.0mm
86060-5000
SC duplex connector, APC, green housing, green boot
126µm
3.0mm
86060-5300
SC duplex connector, APC, green housing, green boot
126µm
2.4mm
86166-0110
SC to SC duplex adapter, beige body, zirconia alignment sleeve, snap mount style
86167-0110
SC to SC duplex adapter, beige body, phosphor bronze alignment sleeve, snap mount style
86166-0010
SC to SC duplex adapter, beige body, zirconia alignment sleeve, flange mount style
86167-0010
SC to SC duplex adapter, beige body, phosphor bronze alignment sleeve, flange mount style
86166-0130
SC to SC duplex adapter, black body, zirconia alignment sleeve, snap mount style
86167-0130
SC to SC duplex adapter, black body, phosphor bronze alignment sleeve, snap mount style
86166-0030
SC to SC duplex adapter, black body, zirconia alignment sleeve, flange mount style
86167-0030
SC to SC duplex adapter, black body, phosphor bronze alignment sleeve, flange mount style
86166-0100
SC to SC duplex adapter, blue body, zirconia alignment sleeve, snap mount style
86167-0100
SC to SC duplex adapter, blue body, phosphor bronze alignment sleeve, snap mount style
86166-0000
SC to SC duplex adapter, blue body, zirconia alignment sleeve, flange mount style
86167-0000
SC to SC duplex adapter, blue body, phosphor bronze alignment sleeve, flange mount style
86166-1110
SC to ST duplex adapter, beige body, zirconia alignment sleeve, snap mount style
86167-1110
SC to ST duplex adapter, beige body, phosphor bronze alignment sleeve, snap mount style
86166-1010
SC to ST duplex adapter, beige body, zirconia alignment sleeve, flange mount style
86167-1010
SC to ST duplex adapter, beige body, phosphor bronze alignment sleeve, flange mount style
86166-1100
SC to ST duplex adapter, blue body, zirconia alignment sleeve, snap mount style
86167-1100
SC to ST duplex adapter, blue body, phosphor bronze alignment sleeve, snap mount style
86166-1000
SC to ST duplex adapter, blue body, zirconia alignment sleeve, flange mount style
86167-1000
SC to ST duplex adapter, blue body, phosphor bronze alignment sleeve, flange mount style
86166-0610
SC to SC duplex adapter, beige body, zirconia alignment sleeve, snap mount style, shutter
86167-0610
SC to SC duplex adapter, beige body, phosphor bronze alignment sleeve, snap mount style, shutter
86166-0510
SC to SC duplex adapter, beige body, zirconia alignment sleeve, flange mount style, shutter
86167-0510
SC to SC duplex adapter, beige, phosphor bronze alignment sleeve, flange mount style, shutter
86166-0630
SC to SC duplex adapter, black body, zirconia alignment sleeve, snap mount style, shutter
86167-0630
SC to SC duplex adapter, black body, phosphor bronze alignment sleeve, snap mount style, shutter
86166-0530
SC to SC duplex adapter, black body, zirconia alignment sleeve, flange mount style, shutter
86167-0530
SC to SC duplex adapter, black body, phosphor bronze alignment sleeve, flange mount style, shutter
SC Duplex Connectors & Adapters


Similar Part No. - 86167-1000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8616 FILTRAN-8616 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8616 ETC2-8616 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8616 APITECH-8616 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8616 BK-8616 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Molex Electronics Ltd.
86160-0000 MOLEX-86160-0000 Datasheet
107Kb / 4P
   86065-5000
More results

Similar Description - 86167-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
   Duplex MMF Coupler (SC-SC)
logo
List of Unclassifed Man...
AX103461 ETC2-AX103461 Datasheet
105Kb / 2P
   Modular Connectors - FXU FRAME, SC-DUPLEX, 12F, OM3
AX101941 ETC2-AX101941 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
AX101942 ETC2-AX101942 Datasheet
98Kb / 2P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
logo
Tripp Lite. All Rights ...
N452-000 TRIPPLITE-N452-000 Datasheet
154Kb / 2P
   Duplex MMF / SMF Coupler (SC/SC)
logo
List of Unclassifed Man...
AX101940 ETC2-AX101940 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
PE300109-1 PASTERNACK-PE300109-1 Datasheet
179Kb / 1P
   CABLE ASSEMBLY DUPLEX 10GIG SC-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com