Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDD1712MF-0512-SU1K-2 Datasheet(PDF) 2 Page - Central Technologies

Part # CTDD1712MF-0512-SU1K-2
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD1712MF-0512-SU1K-2 Datasheet(HTML) 2 Page - Central Technologies

  CTDD1712MF-0512-SU1K-2 Datasheet HTML 1Page - Central Technologies CTDD1712MF-0512-SU1K-2 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
12 3
5 6 7
8
9
10
12
13
14
1.27
0.25
2.54
1.30 0.13
5.00 MAX
15.24
17.78
0.1
Note: All Pins on a 2.54mm pitch; All Pin Widths are 0.60 mm; Tolerances:±0.15mm Unit: mm
±
±
Figure A
A
PIN CONNECTIONS
Pin
Function
1
GND
2
Vin
3
NC
56
0V
7
+Vo
8
NC
9
NC
10
12
NC
13
NC
14
NC
NC
NC
12 3
5 6 7
8
9
10
12
13
14
08.13.07
CTDD1712MF-SU1K-2 Series
Fixed Input Isolated & Unregulated
2W Single Output


Similar Part No. - CTDD1712MF-0512-SU1K-2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD1105S-S3K CT-CTDD1105S-S3K Datasheet
170Kb / 2P
   Fixed Input Isolated
CTDD1105SF-0303S-1 CT-CTDD1105SF-0303S-1 Datasheet
208Kb / 2P
   DC/DC Converters
CTDD1105SF-0505S-1 CT-CTDD1105SF-0505S-1 Datasheet
208Kb / 2P
   DC/DC Converters
CTDD1105SF-0509S-1 CT-CTDD1105SF-0509S-1 Datasheet
208Kb / 2P
   DC/DC Converters
CTDD1105SF-0512S-1 CT-CTDD1105SF-0512S-1 Datasheet
208Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD1712MF-0512-SU1K-2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com