Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86166-0630 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 86166-0630
Description  SC Duplex Connectors & Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86166-0630 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  86166-0630 Datasheet HTML 1Page - Molex Electronics Ltd. 86166-0630 Datasheet HTML 2Page - Molex Electronics Ltd. 86166-0630 Datasheet HTML 3Page - Molex Electronics Ltd. 86166-0630 Datasheet HTML 4Page - Molex Electronics Ltd. 86166-0630 Datasheet HTML 5Page - Molex Electronics Ltd. 86166-0630 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Standard Part Numbers
SC Duplex Connectors & Adapters
Order Number
Description
86166-0600
SC to SC duplex adapter, blue body, zirconia alignment sleeve, snap mount style, shutter
86167-0600
SC to SC duplex adapter, blue body, phosphor bronze alignment sleeve, snap mount style, shutter
86166-0500
SC to SC duplex adapter, blue body, zirconia alignment sleeve, flange mount style, shutter
86167-0500
SC to SC duplex adapter, blue body, phosphor bronze alignment sleeve, flange mount style, shutter
86166-1610
SC to ST duplex adapter, beige body, zirconia alignment sleeve, snap mount style, shutter
86167-1610
SC to ST duplex adapter, beige body, phosphor bronze alignment sleeve, snap mount style, shutter
86166-1510
SC to ST duplex adapter, beige body, zirconia alignment sleeve, flange mount style, shutter
86167-1510
SC to ST duplex adapter, beige body, phosphor bronze alignment sleeve, flange mount style, shutter
86166-1600
SC to ST duplex adapter, blue body, zirconia alignment sleeve, snap mount style, shutter
86167-1600
SC to ST duplex adapter, blue body, phosphor bronze alignment sleeve, snap mount style, shutter
86166-1500
SC to ST duplex adapter, blue body, zirconia alignment sleeve, flange mount style, shutter
86167-1500
SC to ST duplex adapter, blue body, phosphor bronze alignment sleeve, flange mount style, shutter
86166-0650
SC to SC duplex adapter, APC, green body, zirconia alignment sleeve, snap mount style
86167-0650
SC to SC duplex adapter, APC, green body, phosphor bronze alignment sleeve, snap mount style
86166-0550
SC to SC duplex adapter, APC, green body, zirconia alignment sleeve, flange mount style
86167-0550
SC to SC duplex adapter, APC, green body, phosphor bronze alignment sleeve, flange mount style
85335-0009
SC to ST duplex metal adapter, zirconia alignment sleeve, square flange mounting holes without thread
85335-0010
SC to ST duplex metal adapter, phosphor bronze alignment sleeve, square flange mounting holes without thread
85335-0013
SC to SC duplex metal adapter, zirconia alignment sleeve, square flange mounting holes without thread
85335-0014
SC to SC duplex metal adapter, phosphor bronze alignment sleeve, square flange mounting holes without thread
85335-0015
SC to SC duplex metal adapter, zirconia alignment sleeve, square flange mounting holes with thread
85335-0016
SC to SC duplex metal adapter, phosphor bronze alignment sleeve, square flange mounting holes with thread
86001-0020 Rev. 5
USA/30MFO/2000.09
©2000, Molex
Molex reserves the right to make any changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.


Similar Part No. - 86166-0630

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8616 FILTRAN-8616 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8616 ETC2-8616 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8616 APITECH-8616 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8616 BK-8616 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Molex Electronics Ltd.
86160-0000 MOLEX-86160-0000 Datasheet
107Kb / 4P
   86065-5000
More results

Similar Description - 86166-0630

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
   Duplex MMF Coupler (SC-SC)
logo
List of Unclassifed Man...
AX103461 ETC2-AX103461 Datasheet
105Kb / 2P
   Modular Connectors - FXU FRAME, SC-DUPLEX, 12F, OM3
AX101941 ETC2-AX101941 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
AX101942 ETC2-AX101942 Datasheet
98Kb / 2P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
logo
Tripp Lite. All Rights ...
N452-000 TRIPPLITE-N452-000 Datasheet
154Kb / 2P
   Duplex MMF / SMF Coupler (SC/SC)
logo
List of Unclassifed Man...
AX101940 ETC2-AX101940 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
PE300109-1 PASTERNACK-PE300109-1 Datasheet
179Kb / 1P
   CABLE ASSEMBLY DUPLEX 10GIG SC-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com