Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86282-4855 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86282-4855
Description  MTP* Optical Round Ribbon Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86282-4855 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86282-4855 Datasheet HTML 1Page - Molex Electronics Ltd. 86282-4855 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
MTP* Optical
Round Ribbon
Cable Assemblies
86282
Molex's MTP round jacketed ribbon cable assemblies
provide easier installation than traditional flat ribbon
cables in optical networks. System designers and
installers have found it difficult to route flat ribbon
cable in complex networks. The use of round ribbon
cables allows the installer greater flexibility when
routing multiple jacketed cables in dense system
networks.
Molex developed a patent pending transition sleeve
which maintains the routing features of the round
cable while allowing the cable to be secured to the
MTP connector. The primary benefit of the round
ribbon cable is realized with the use of multiple
ribbons within a single jacket. Stacked ribbons in
traditional flat jacketed ribbon cables are prone to
piston in relation to each other, causing attenuation in
longer cable assemblies. The round ribbon cable
prevents the “pistoning” effect by encasing the ribbons
in a solid buffer core, preventing them from moving.
Fiber counts up to 24 fibers are currently available
while development continues on the 48 and 72 fiber
versions.
Reference Information
Packaging: Custom per assembly
Mates With: MPO and MTP Connectors
(86081 & 86082 Series)
Optical
Fiber Specifications:
Core: 50µm
Clad: 125µm
Coating: 250µm
Insertion Loss (IL):
12F: 0.15 dB Typ. <0.5dB max.
24F: 0.25 dB Typ. <0.75dB max.
72F: 0.35 dB Typ. <1.00dB max.
Attenuation:
850nm: Typ 2.5 dB/km
Max 3.0 dB/km
Min. Overfilled Bandwidth:
850nm: 500 MHz/km
1300nm: 500 MHz/km
Mechanical
Min. Bend Radius: 3 inches for 12 fibers
(10X the outer jacket diameter)
Max. Tensile Rating: 667.23N (150 lbf)
Physical
Outer Jacket: PVC
Fire Rating: OFNR (Riser) and OFNP (Plenum)
Operating Temp.: -20 to +70°C
Storage Temp.: -40 to +70°C
Install Temp.: -0 to +70°C
Dimensions:
12F (2 Ribbons x 6 Fibers): 3.3mm OD
16F (2 Ribbons x 8 Fibers): 4mm OD
24F (2 Ribbons x 12 Fibers): 5mm OD
48F (4 Ribbons x 12 Fibers): N/A
72F (6 Ribbons x 12 Fibers): N/A
*MTP is a registered trademark of US Conec Ltd.
Singlemode (9/125µm) and Multi-mode (62.5/125µm) may be available with
Minimum Order Quantity
Under development
Features and Benefits
I Round outer jacket is easily installed by end user
I Flexible PVC outer jacket is able to bend easily
I Plenum-rated meets system flammability
requirements
I Ribbons encased in solid buffer core ensures
reduced fiber pistoning between ribbons
I Multiple ribbons stacked inside round jacket provide
a low-profile solution for high-density applications
Optical Round Ribbon Cable Assemblies Offer Greater Flexibility in Interconnecting
Optical Network Systems
MTP Round Ribbon Cable Assembly with Long
Transition Sleeve
Proto-type Round Ribbon 72 Fiber Cable Assembly
MTP to MTP Round Ribbon Cable Assembly


Similar Part No. - 86282-4855

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8628 GILWAY-8628 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
List of Unclassifed Man...
8628 ETC2-8628 Datasheet
367Kb / 1P
   LEVER ACTION PC CARD EJECTORS
logo
Belden Inc.
8628 BELDEN-8628 Datasheet
167Kb / 2P
   Electronic, 7 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8628-060100 BELDEN-8628-060100 Datasheet
167Kb / 2P
   Electronic, 7 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8628-0601000 BELDEN-8628-0601000 Datasheet
167Kb / 2P
   Electronic, 7 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
More results

Similar Description - 86282-4855

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1062840004 MOLEX1-1062840004 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
1062840008 MOLEX1-1062840008 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
1062840100 MOLEX1-1062840100 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
106284-0008 MOLEX11-106284-0008 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-0010 MOLEX11-106284-0010 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-0012 MOLEX11-106284-0012 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-0025 MOLEX11-106284-0025 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-1025 MOLEX11-106284-1025 Datasheet
33Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-1050 MOLEX11-106284-1050 Datasheet
33Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
1062840006 MOLEX1-1062840006 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com