Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39371-00 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39371-00
Description  7.50mm (.295?? Pitch 37 Series Beau짰 Eurostyle짰 Pluggable Terminal Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39371-00 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39371-00 Datasheet HTML 1Page - Molex Electronics Ltd. 39371-00 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
7.50mm (.295”) Pitch
37 Series
Beau® Eurostyle®
Pluggable Terminal Blocks
39371, 39372, 39373,
39374
I Motor controls
I Power supplies
I Actuators
I Factory automation equipment
I Elevator controls
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/products/tblocks.html
Order No. USA-261
Printed in USA/5K/JI/JI/2004.09
©2004, Molex
ORDERING INFORMATION
Replace XX with no. of circuits, 02 to 12.
Order No.
Product Type
Orientation
Description
39371-00XX
Plug
Right Angle
39374-08XX
Plug
Vertical
Rear Wire Entry
39374-09XX
Plug
Vertical
Front Wire Entry
39372-00XX
Header
Vertical
Closed End
39373-00XX
Header
Right Angle
Closed End


Similar Part No. - 39371-00

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39371-0002 MOLEX5-39371-0002 Datasheet
220Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 180째 Wire Entry, 2 Circuits
39371-0002 MOLEX11-39371-0002 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 2
39371-0003 MOLEX5-39371-0003 Datasheet
220Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 180째 Wire Entry, 3 Circuits
39371-0003 MOLEX11-39371-0003 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 3
39371-0004 MOLEX5-39371-0004 Datasheet
220Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 180째 Wire Entry, 4 Circuits
More results

Similar Description - 39371-00

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39357-0002 MOLEX-39357-0002 Datasheet
820Kb / 2P
   3.50mm (.138?? Pitch 35 Series Beau짰 Eurostyle짰 Fixed Terminal Blocks
39380-0102 MOLEX-39380-0102 Datasheet
256Kb / 2P
   6.35 and 9.52mm (.250 and .375?? Pitch Beau짰 Eurostyle짰 Terminal Blocks
39890-03 MOLEX-39890-03 Datasheet
446Kb / 2P
   5.00 and 5.08mm (.197 and .200?? Pitch Beau짰 Eurostyle짰 Low Profile Terminal Blocks
39890-05 MOLEX-39890-05 Datasheet
186Kb / 2P
   5.00 and 5.08mm (.197 and .200?? Pitch Beau짰 Eurostyle짰 Multi-Level, Fixed Terminal Blocks
63813-0500 MOLEX-63813-0500 Datasheet
194Kb / 2P
   7.50mm (.295") Pitch
39351-00 MOLEX-39351-00 Datasheet
139Kb / 2P
   35 Series Pluggable Terminal Blocks
0393740906 MOLEX5-0393740906 Datasheet
218Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 270째 Wire Entry, 6 Circuits
0393740806 MOLEX5-0393740806 Datasheet
219Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 90째 Wire Entry, 6 Circuits
0393740808 MOLEX5-0393740808 Datasheet
219Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 90째 Wire Entry, 8 Circuits
0393710004 MOLEX5-0393710004 Datasheet
220Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 180째 Wire Entry, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com