Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39940-02 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39940-02
Description  3.81 and 5.08mm (.150 and .200") Pitch Beau짰 EuroMate짰 Pluggable Barrier Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39940-02 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39940-02 Datasheet HTML 1Page - Molex Electronics Ltd. 39940-02 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
3.81 and 5.08mm
(.150 and .200") Pitch
Beau® EuroMate®
Pluggable Barrier Strip
39930, 39940
I Gas and oxygen analyzers
I Digital process meters
I Controller boards
I Power monitoring devices
I Power supplies
I Telecom racks
I UPS systems
I Measurement systems
I Process controls
I Industrial automation equipment
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/products/tblocks.html
Order No. USA-264
Printed in USA/5K/JI/JI/2004.09
©2004, Molex
ORDERING INFORMATION
For 3.81mm (.150”) products, replace XX with no. of circuits, 03 to 21.
For 5.08mm (.200”) products, replace XX with no. of circuits 03 to 24.
Pitch
Order No.
Plating
Accessories
Forward Polarization
Reverse Polarization
3.81 (.150)
39930-02XX
39930-03XX
Tin
39930-04XX
39930-05XX
Tin
Retention Screws
39931-02XX
39931-03XX
Gold
39931-04XX
39931-05XX
Gold
Retention Screws
5.08 (.200)
39940-02XX
39940-03XX
Tin
39940-04XX
39940-05XX
Tin
Retention Screws
39940-06XX
39940-07XX
Tin
Mounting Flange
39941-02XX
39941-03XX
Gold
39941-04XX
39941-05XX
Gold
Retention Screws
39941-06XX
39941-07XX
Gold
Mounting Flange


Similar Part No. - 39940-02

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39940-0203 MOLEX11-39940-0203 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0204 MOLEX11-39940-0204 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0205 MOLEX11-39940-0205 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0206 MOLEX11-39940-0206 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0207 MOLEX11-39940-0207 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com