Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G14DCK Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1G14DCK
Description  SINGLE SCHMITT-TRIGGER INVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G14DCK Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G14DCK Datasheet HTML 1Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 2Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 3Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 4Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 5Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 6Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 7Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 8Page - Texas Instruments SN74LVC1G14DCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVC1G14
SINGLE SCHMITT-TRIGGER INVERTER
SCES218S – APRIL 1999 – REVISED SEPTEMBER 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
DCK package
252
DRL package
142
θ
JA
Package thermal impedance(4)
°C/W
YEA/YZA package
154
YEP/YZP package
132
YZV package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74LVC1G14DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14DCK TI1-SN74LVC1G14DCK Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
SN74LVC1G14DCK TI1-SN74LVC1G14DCK Datasheet
1Mb / 27P
[Old version datasheet]   SN74LVC1G14 Single Schmitt-Trigger Inverter
SN74LVC1G14DCK TI1-SN74LVC1G14DCK Datasheet
1Mb / 33P
[Old version datasheet]   Single Schmitt-Trigger Inverter
SN74LVC1G14DCKR TI-SN74LVC1G14DCKR Datasheet
740Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DCKR TI-SN74LVC1G14DCKR Datasheet
780Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74LVC1G14DCK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com