Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCS1-120A6DC12VC112 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # ZCS1-120A6DC12VC112
Description  WATER RESISTANT SOLENOID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

ZCS1-120A6DC12VC112 Datasheet(HTML) 2 Page - American Zettler, Inc.

  ZCS1-120A6DC12VC112 Datasheet HTML 1Page - American Zettler, Inc. ZCS1-120A6DC12VC112 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZCS1-120
10/11/06
MECHANICAL DATA
3.253
5“
16
2.4 UNF- 2A
THREAD TYP
#10 - 32 UNF -2A
THREAD TYPE
2.875
2.125
1.375
2 - 0.281X0.400
Dimensions and Mounting
Wiring diagram
4
Dimensions and Mounting
for Standard Bracket
Cap / Plunger
APPLICATION NOTES:
1.) Not all number combinations are available. Please contact your Sales Representative for available
part numbers.
2.) Solenoid applied in battery charging circuits should be protected from higher than rated voltage during charging.
The service life may be affected by this condition and the solenoid may or may not operate the circuit as intended.
3.) Circuits should be designed to provide safe operation should the solenoid fail in either the open or closed position.
4.) A back-up wrench must be used to hold the bottom nut stationary during installation.
GENERAL DATA
Dielelectric Strength
500 Volts
-20°F~150°F (-28.9°C~65.6°C) - Intermittent
-20°F~120°F (-28.9°C~48.9°C) - Continuous
Mechanical Life (no load)
250,000 cycles
Mounting position (Recommended)
Plunger vertical with cap down
Duty Cycle
Continuous; Intermittent: 10sec "on"
maximum and minimum 60sec "off".
60sec "on" max and minimum 6min "off."
Hardward Torque specification
44-55 in*lbs (Contact terminal);
12-18 in*lbs (Coil terminal)
Weight
170.5 grams
Temperature Range


Similar Part No. - ZCS1-120A6DC12VC112

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
   HIGH CURRENT SOLENOIDS
ZCS1-71 AZETTLER-ZCS1-71 Datasheet
173Kb / 3P
   HIGH CURRENT SOLENOIDS
More results

Similar Description - ZCS1-120A6DC12VC112

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
Extech Instruments Corp...
365510 EXTECH-365510_15 Datasheet
151Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-7608 SOBERTON-WSP-7608_18 Datasheet
499Kb / 1P
   WSP WATER RESISTANT SPEAKER
WSP-4508-7 SOBERTON-WSP-4508-7_18 Datasheet
447Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
Extech Instruments Corp...
365528 EXTECH-365528 Datasheet
203Kb / 1P
   Water Resistant Stopwatch/Timer
logo
Soberton Inc.
WSP-307008 SOBERTON-WSP-307008_18 Datasheet
548Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com