Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39931-05 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39931-05
Description  3.81 and 5.08mm (.150 and .200") Pitch Beau짰 EuroMate짰 Pluggable Barrier Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39931-05 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39931-05 Datasheet HTML 1Page - Molex Electronics Ltd. 39931-05 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
3.81 and 5.08mm
(.150 and .200") Pitch
Beau® EuroMate®
Pluggable Barrier Strip
39930, 39940
Connector technology has not allowed power
monitoring and controls system designers to
realize the packaging densities made possible
by modern electronics. In order to increase
packaging densities, the EuroMate has a large
and robust wiring terminal interface with a
higher density PCB connection. In addition,
the PCB connection is pluggable to allow for
ease of factory assembly and field repair
service. Molex offers the EuroMate with
optional retention screws or mounting flanges,
so you can find the best fit for your needs.
One of the most important benefits of the
Beau EuroMate is that it uses a single piece
insulator for cost efficiency.
Reference Information
Packaging: Box
UL File No.: E48521
Guide No.: XCFR2
UL for Canada File No.: E48521
Guide No.: XCFR8
Electrical
Voltage: 300V
Current:
39930 – 12.0A
39940 – 15.0A
Insulation Resistance: 3000 Megohms min.
Mechanical
Wire Range:
39930 – 14 to 22 AWG
(2.08 to 0.32mm2)
39940 – 12 to 22 AWG
(3.30 to 0.32mm2)
Strip Length: 6.00mm (.250”)
Tightening Torque: 0.79 Nm (7.00 in-lbs)
Operating Temperature: +105°C
Physical
Housing: Polyamide 6.6 UL 94V-0, Black
Contact:
39930 – Berylium Copper
39940 – Phosphor Bronze
Screws:
39930 – M3 Steel with Clamp Washer
39940 – M3.5 Steel with Clamp Washer
Plating:
Contact – Tin
Screw – Zinc Chromate
Features and Benefits
I Single row of female contacts interface
with industry-standard European style
headers, which produces twice the pitch at
the wiring terminal
I Wiring terminals are staggered and offset
vertically to facilitate easier wiring access
I Mounting flanges accommodate panel
mounting to prevent any bowing or
flexing during connector mating and
unmating
I Accepts 1/4” ring and spade wiring
terminals to assure acceptance in all
markets
I Rear barrier prevents over-insertion of
wire into device
Beau EuroMate pluggable PCB terminal blocks have a higher density PCB
connection and are available in pitches of 3.81 and 5.08mm (.150 and .200”)


Similar Part No. - 39931-05

ManufacturerPart #DatasheetDescription
logo
Heyco.
3993 HEYCO-3993 Datasheet
128Kb / 1P
   Nylon Knock Out Seals and Thick Panel Knock Out Seals
logo
Molex Electronics Ltd.
39930-0203 MOLEX11-39930-0203 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0204 MOLEX11-39930-0204 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0205 MOLEX11-39930-0205 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0206 MOLEX11-39930-0206 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com