Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V4N270-B-10 Datasheet(PDF) 3 Page - Superworld Electronics

Part # V4N270-B-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V4N270-B-10 Datasheet(HTML) 3 Page - Superworld Electronics

  V4N270-B-10 Datasheet HTML 1Page - Superworld Electronics V4N270-B-10 Datasheet HTML 2Page - Superworld Electronics V4N270-B-10 Datasheet HTML 3Page - Superworld Electronics V4N270-B-10 Datasheet HTML 4Page - Superworld Electronics V4N270-B-10 Datasheet HTML 5Page - Superworld Electronics V4N270-B-10 Datasheet HTML 6Page - Superworld Electronics V4N270-B-10 Datasheet HTML 7Page - Superworld Electronics V4N270-B-10 Datasheet HTML 8Page - Superworld Electronics V4N270-B-10 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
HIGH VOLTAGE CHIP CAPACITORS
V4N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
15.01.2008
6. ELECTRICAL CHARACTERISTICS : ( Rated Voltage : 250Vdc )
2700
V4N272 -C-10
68
V4N680 -C-10
150
220
270
390
470
330
180
560
100
120
V4N221 -C-10
V4N391 -C-10
V4N561 -C-10
V4N471 -C-10
V4N331 -C-10
V4N271 -C-10
V4N121 -C-10
V4N181 -C-10
V4N151 -C-10
V4N101 -C-10
V4N820 -C-10
82
V4N472 -C-10
V4N392 -C-10
V4N332 -C-10
4700
3900
3300
22
V4N220 -C-10
39
V4N390 -C-10
V4N560 -C-10
V4N470 -C-10
56
47
V4N330 -C-10
V4N270 -C-10
33
27
V4N180 -C-10
18
820
V4N821 -C-10
V4N152 -C-10
V4N122 -C-10
V4N102 -C-10
V4N222 -C-10
V4N182 -C-10
1500
2200
1800
1200
1000
V4N681 -C-10
680
Capacitance
Part Number
( pF )
Capacitance
Part Number
( pF )
Tolerance code :
M : ±20%
K : ±10%
J : ±5%
D : ±0.50pF
C : ±0.25pF
:


Similar Part No. - V4N270-B-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NS ETC2-V4NS Datasheet
371Kb / 4P
   solder, 2,8 mm faston and PCB terminals
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NST7UL ETC2-V4NST7UL Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NST7UL ETC2-V4NST7UL Datasheet
371Kb / 4P
   Preferred Range
V4NST7UL ETC2-V4NST7UL Datasheet
125Kb / 4P
   sealed (IP67)
More results

Similar Description - V4N270-B-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com