Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V5X683-B-10 Datasheet(PDF) 10 Page - Superworld Electronics

Part # V5X683-B-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V5X683-B-10 Datasheet(HTML) 10 Page - Superworld Electronics

Back Button V5X683-B-10 Datasheet HTML 3Page - Superworld Electronics V5X683-B-10 Datasheet HTML 4Page - Superworld Electronics V5X683-B-10 Datasheet HTML 5Page - Superworld Electronics V5X683-B-10 Datasheet HTML 6Page - Superworld Electronics V5X683-B-10 Datasheet HTML 7Page - Superworld Electronics V5X683-B-10 Datasheet HTML 8Page - Superworld Electronics V5X683-B-10 Datasheet HTML 9Page - Superworld Electronics V5X683-B-10 Datasheet HTML 10Page - Superworld Electronics V5X683-B-10 Datasheet HTML 11Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
HIGH VOLTAGE CHIP CAPACITORS
V5X SERIES
9. PACKAGING INFORMATION :
t
2.0±0.05
4.0±0.1
A
Ao(mm)
5.4±0.2
3.6±0.2
2.5±0.2
Ao
P
A
1.5±0.1
Section A-A
Ko
V8
V7
TYPE
V6
Ko(mm)
4.0 MAX.
4.0 MAX.
4.0 MAX.
Bo(mm)
6.1±0.2
4.9±0.2
4.9±0.2
4.0±0.1
4.0±0.1
P(mm)
4.0±0.1
0.3 MAX.
0.3 MAX.
t(mm)
0.3 MAX.
TYPE
50 Min.
50 Min.
50 Min.
60±0.2
60±0.2
60±0.2
50 Min.
B(mm)
D
2.0±0.05
4.0±0.1
Ø1.5 -0
+0.1
P
A
9-2. Tape Dimension
Ø1.5 -0
+0.1
A
Section A-A
Ko
Ao
V4
V5
V3
V2
178±0.2
178±0.2
V7
V8
A
C
E
W
9-1. Reel Dimension
TYPE
382 Max.
V3
382 Max.
382 Max.
178±0.2
V5
V6
V4
382 Max.
A(mm)
V2
1.1 MAX.
1.1 MAX.
1.1 MAX.
1.1 MAX.
2.9±0.2
1.9±0.2
1.5±0.2
1.1±0.2
3.6±0.2
3.5±0.2
2.3±0.2
1.9±0.2
4.0±0.1
4.0±0.1
4.0±0.1
4.0±0.1
Ko(mm)
Ao(mm)
Bo(mm)
13±0.5
13±0.5
21±0.8
21±0.8
P(mm)
2.0±0.5
2.0±0.5
13±0.3
13±0.3
D(mm)
13±0.5
21±0.8
13±0.5
13±0.5
13±0.5
21±0.8
21±0.8
21±0.8
13±0.5
C(mm)
21±0.8
10±0.15
2.0±0.5
2.0±0.5
2.0±0.5
2.0±0.5
10±0.15
13±0.3
10±0.15
E(mm)
2.0±0.5
W(mm)
10±0.15
PG. 10


Similar Part No. - V5X683-B-10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results

Similar Description - V5X683-B-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com