Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V8X392-C-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # V8X392-C-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V8X392-C-10 Datasheet(HTML) 1 Page - Superworld Electronics

  V8X392-C-10 Datasheet HTML 1Page - Superworld Electronics V8X392-C-10 Datasheet HTML 2Page - Superworld Electronics V8X392-C-10 Datasheet HTML 3Page - Superworld Electronics V8X392-C-10 Datasheet HTML 4Page - Superworld Electronics V8X392-C-10 Datasheet HTML 5Page - Superworld Electronics V8X392-C-10 Datasheet HTML 6Page - Superworld Electronics V8X392-C-10 Datasheet HTML 7Page - Superworld Electronics V8X392-C-10 Datasheet HTML 8Page - Superworld Electronics V8X392-C-10 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
(a) (b)
(d)
1. PART NO. EXPRESSION :
(b) Temp. Coefficient : X ( ±15% )
(c) Capacitance code : 102 = 1000pF
(a) Chip Size
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Body : Ceramic
(b) Termination : Ag/Ni/Sn
a
3. SCHEMATIC :
(e) Voltage code : C = 250Vdc
5. GENERAL SPECIFICATION :
b) Operating temp. : -55°C to +125°C
a) Storage temp. : +5°C to +40°C
V8X SERIES
HIGH VOLTAGE CHIP CAPACITORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
PCB Pattern
G
5.00±0.40
BD
4.00 - 4.60 3.50 - 4.80 2.00 - 2.20
GH
L
Unit:m/m
L
5.70±0.40
A
C
3.00 Max.
A
D
B
0.30 Min.
b
Ag(100%)
Ni(100%)-1.5um(min.)
Sn(100%)-3.0um(min.)
c) Resistance to solder heat : 260°C.10secs
(c)
V 8 X 1 0 2 J - C - 1 0
(e)
(f)
(f) 10 : Lead Free
( Temp. range : -55°C to +125°C )
(d) Tolerance code


Similar Description - V8X392-C-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com