Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V8N222-J-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # V8N222-J-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V8N222-J-10 Datasheet(HTML) 6 Page - Superworld Electronics

  V8N222-J-10 Datasheet HTML 1Page - Superworld Electronics V8N222-J-10 Datasheet HTML 2Page - Superworld Electronics V8N222-J-10 Datasheet HTML 3Page - Superworld Electronics V8N222-J-10 Datasheet HTML 4Page - Superworld Electronics V8N222-J-10 Datasheet HTML 5Page - Superworld Electronics V8N222-J-10 Datasheet HTML 6Page - Superworld Electronics V8N222-J-10 Datasheet HTML 7Page - Superworld Electronics V8N222-J-10 Datasheet HTML 8Page - Superworld Electronics V8N222-J-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
HIGH VOLTAGE CHIP CAPACITORS
V8N SERIES
7. RELIABILITY & TEST CONDITION :
Repeat this for 2 hrs each in 3 perpendicular directions
changing the frequencies from 10Hz to 55 Hz and back
Vibrate the capacitor with amplitude of 1.5mm P-P
Solder the capacitor on P.C. board before testing
Measure at room temp. after cooling for
Temp. : Max. operation temperature
100% rated voltage
Applied Voltage
120% rated voltage
150% rated voltage
shall be set for 48±4 hrs at room temp. and the initial
is applied for 1 hr at max. operation temp. ±3°C then
Class II capacitors applied DC voltage (following table)
TEST CONDITION
Class II capacitor shall be set for 48±4 hrs at room
temp. after 1 hr heat treatment at 150+0/-10°C before
Solder the capacitor on P.C. board before testing
Measure at room temp. after cooling for
1,000M
or 50/C
whichever is smaller.
Vibration
Within ±20%
Within ±7.5%
Capacitance change
To satisfy the specified initial value
whichever is larger of initial
Within ±2.5% or ±0.25pF
No mechanical damage shall be occur
X
Q(Class I), Tan (Class II) &
Insulation Resistance :
Z/E
Char.
Class I :
Char.
Class II :
Appearance :
(C in Farad)
N
value
Capacitance change
to 10Hz in about 1min.
High Temperature Load
ITEM
Humidity
whichever is larger of initial
Within ±3.0% or ±0.3pF
No mechanical damage shall be occur
Within ±15%
X
Char.
Q(Class I) :
Tan
(Class II) :
Insulation Resistance :
More than 30pF : Q > 350
30pF & below : Q > 275 +2.5xC
Z/E
X
Z/E
5.0%
5.0%
Maximum
Within ±30%
Class I :
Char.
Char.
Class II :
Appearance :
N
Capacitance change
value
Capacitance change
(include 1KV)
Class I : 24±2 hrs
Class II : 48±4 hrs
Test Time : 1000 +12/-0 hr
Current Applied : 50mA max.
More than 1KVdc
Rated Voltage
V < 250Vdc
Less than 1KVdc
Applied Voltage :
measurement shall be conducted.
1,000M
or 50/C
whichever is smaller.
PERFORMANCE
Insulation Resistance :
Char.
Tan
(Class II) :
30pF & below : Q > 275 +2.5xC
More than 30pF : Q > 350
Q(Class I) :
Z/E
X
5.0%
5.0%
Maximum
initial measure.
Temperature : 40±2°C
Relative Humidity : 90~95% RH
Test Time : 500 +12/-0 hr
Class I : 24±2 hrs
Class II : 48±4 hrs
PG. 6


Similar Description - V8N222-J-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com