Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCS1-120A6DC14VC112 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # ZCS1-120A6DC14VC112
Description  WATER RESISTANT SOLENOID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

ZCS1-120A6DC14VC112 Datasheet(HTML) 1 Page - American Zettler, Inc.

  ZCS1-120A6DC14VC112 Datasheet HTML 1Page - American Zettler, Inc. ZCS1-120A6DC14VC112 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1. Part number: ZCS1-120
2. Contact arrangement: A: 1A (SPNO)
3. Coil termination (15in - lb torque spec.)
1. Isolated w/#10-32 terminal (0.22 min. length)
2: Grounded w/#10-32 terminal (0.22 min. length)
3: Isolated w/1/4” Q.C terminal
4: Grounded w/1/4” Q.C terminal
6: Grounded w/#8-32 tapered terminal
7: iSOLATED w/#10-32 terminal (0.45 min. length)
8: Grounded w/#10-32 terminal (0.45 min. length)
4. Coil Voltage: 6,12,14,15, 24, 36, 48
5. Coil Type:
C: Continuous
I: Intermittent
6. Contact Material and termination (55 in-lb torque spec.):
1: AgCdO with 5/16” -24 terminal (0.38” min. length)
3: Cu with 5/16” -24 terminal (0.38” min. length)
4: Cu with 1/4” -20 terminal (0.50” min length
5: AgCdO with 5/16” -24 terminal (0.50” min. length)
7. Mounting Bracket: 1: Standard
2: “L” shaped bracket
8. Factory Assigned Special's: (where undefined contact factory)
1: Without hardware
2: Extra hardware loosely mounted to solenoid
5: Zinc plated mounting bracket
7: No hardware, zinc plated mounting bracket
ZCS1-120
10/11/06
ORDERING INFORMATION
ZCS1-120
A
1
DC6V C 1 1 1
1
2
3
4
5 6 7 8
CONTACT DATA
• Contact Arrangement: 1A (SPNO)
• Contact Material: AgCd0, or Copper
• Termination; 5/16” -24 UNF-2A thread or 1/4” -20 UNC-2A thread
COIL PARAMETERS
• Termination; #8 -32 UNC 2A, #10-32 UNF-2A thread or 1/4” quick
connect
• Connections:
1. Coil isolated (two terminals)
2. One coil lead grounded to bracket (one terminal)
• Coil data:
*Number of operations
Cont. (A)
In-rush (A)
Elec. Life
Contact Material
12
80
400
10000*
Copper
12
100
400
50,000*
AgCdO
36
100
400
25,000*
AgCdO
Load Voltage
(VDC)
Ratings
Rated
Max
Int.
Cont.
Int.
Cont.
Int.
Cont.
6
6.6
*
4.0
*
4.5
12
13.2
6.0
16.0
8.04
9.0
14
15.4
*
26.0
*
10.5
15
16.5
9.4
23.0
10.05
11.3
24
26.4
24.0
64.0
16.08
18.0
36
39.6
54.0
160.0
24.12
27.0
48
52.8
*
256.0
*
26.0
Coil
Voltage (VDC)
Coil
Power (W)
24.0
9.0
Must-Operate
Voltage (VDC)
Coil
Resistance (ohm)
*Special coils available upon request
WATER RESISTANT SOLENOID
FEATURES
• Water resistant
• Capable of handling low and high current requirements
• Versatile mounting and termination


Similar Part No. - ZCS1-120A6DC14VC112

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
   HIGH CURRENT SOLENOIDS
ZCS1-71 AZETTLER-ZCS1-71 Datasheet
173Kb / 3P
   HIGH CURRENT SOLENOIDS
More results

Similar Description - ZCS1-120A6DC14VC112

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
Extech Instruments Corp...
365510 EXTECH-365510_15 Datasheet
151Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-7608 SOBERTON-WSP-7608_18 Datasheet
499Kb / 1P
   WSP WATER RESISTANT SPEAKER
WSP-4508-7 SOBERTON-WSP-4508-7_18 Datasheet
447Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
Extech Instruments Corp...
365528 EXTECH-365528 Datasheet
203Kb / 1P
   Water Resistant Stopwatch/Timer
logo
Soberton Inc.
WSP-307008 SOBERTON-WSP-307008_18 Datasheet
548Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com