Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86110-1000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86110-1000
Description  ST Connectors & Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86110-1000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86110-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 86110-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 86110-1000 Datasheet HTML 3Page - Molex Electronics Ltd. 86110-1000 Datasheet HTML 4Page - Molex Electronics Ltd. 86110-1000 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High performance singlemode
and multimode pre-polished
ferrules
ST* compatible bayonet coupling
Field installable
Standard crimp and crimpless
screw type KEVLARretention
Variety of ferrule styles:
PC, PC+ and stainless steel
Low insertion loss:
< .34 dB typical MM
< .17 dB typical MM enhanced
< .35 dB typical MM stainless steel
< .15 dB typical SM
Variety of connector styles:
Long boot, short boot, 90° boot
& 900µm buffered fiber
Features & Benefits
Telecommunication networks
Local Area Networks (LAN's)
Data processing networks
Premise installations
Instrumentation
Applications
The ST series of lightwave connectors are specially designed for distribution applications and are fully compatible with
existing ST type hardware. Five connector styles are available in both the multimode and singlemode versions. The
screw-on captivation mechanism, in the long boot style, provides excellent KEVLAR retention without the expense and
inconvenience of crimp tools. If the crimping method of KEVLAR retention is preferred, 3 options are available. A long boot
style is designed to provide superior strain relief while the short boot style is designed for small bend radius applications
where space is limited. For sensitive applications where controlled and managed bends are required, the 90° boot is the
answer. A boot for 900µm buffered fiber is also available.
High quality, pre-polished and pre-radiused zirconia ceramic ferrules are combined with the latest engineering polymers and
metals to produce the ST connectors. Pre-polished ferrules minimize the polishing times and provide a consistent ferrule end
face geometry. When combined with the Molex termination kit and methods, the Molex ST connectors produce superior results
both in the factory and in the field.
A broad range of ST adapters are available to compliment the connectors. Metal or polymer versions are available with either
the extremely precise zirconia ceramic, the rugged phosphor bronze or the cost effective polymer alignment sleeves.
*ST is a trademark of Lucent Technologies
†KEVLAR is a registered trademark of E.I. duPont De Nemours & Co., Inc.
Optical Performance Distribution
Insertion Loss Performance
(SM ferrule, 9/125µm fiber)
Insertion Loss Performance
(MM ferrule, 62.5/125µm fiber)
ST Connectors & Adapters
0
10
20
30
40
50
60
70
80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
35
40
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Avg.: 0.33 dB
Std. Dev.: 0.11 dB
Avg.: 0.15 dB
Std. Dev.: 0.05 dB
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber


Similar Part No. - 86110-1000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861101483001 WURTH-861101483001 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483003 WURTH-861101483003 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483006 WURTH-861101483006 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483007 WURTH-861101483007 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483008 WURTH-861101483008 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results

Similar Description - 86110-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com