Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3X393-B-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # V3X393-B-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V3X393-B-10 Datasheet(HTML) 8 Page - Superworld Electronics

Back Button V3X393-B-10 Datasheet HTML 2Page - Superworld Electronics V3X393-B-10 Datasheet HTML 3Page - Superworld Electronics V3X393-B-10 Datasheet HTML 4Page - Superworld Electronics V3X393-B-10 Datasheet HTML 5Page - Superworld Electronics V3X393-B-10 Datasheet HTML 6Page - Superworld Electronics V3X393-B-10 Datasheet HTML 7Page - Superworld Electronics V3X393-B-10 Datasheet HTML 8Page - Superworld Electronics V3X393-B-10 Datasheet HTML 9Page - Superworld Electronics V3X393-B-10 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
15.01.2008
HIGH VOLTAGE CHIP CAPACITORS
V3X SERIES
8. SOLDERIND AND MOUNTING :
200
Gradual Cooling
70-90secs
Figure 1. Re-flow Soldering
Over
1min.
Over
1min.
2-3secs.
Figure 2. Wave Soldering
Over 2mins.
250
Within 5secs.
Figure 3. Hand Soldering
200
Soldering
Preheating
350
Natural
cooling
Over 1min
How to solder repair by solder iron :
been taken. Care must also be taken not to touch the ceramic body of the capacitor with the tip of solder iron.
Sudden temp. change in components, results in a temp. gradient, and therefore may cause internal thermal cracks in the
between the solvent and the chips must be less than 100°C.
Natural cooling using air is recommended. If the chips are dipped into a solvent for cleaning, the temp. difference
on the components. The recommended heating rate depends on the size of the component, however it should not
Natural
cooling
2) recommended solder iron condition
Most of the components are wave soldered with solder at 230~250°C. Adequate care must be taken to prevent the
potential of thermal cracks on the ceramic capacitors. Refer to Figure 2 for optimum soldering benefits.
The required temp. of solder iron for any type of repair depends on the type of the tip, the substrate material, and the
1) Selection of soldering iron tip
a) Preheat substrate to (60°C~120°C).
c) Never contact the ceramic with the iron tip
b) 350°C tip temperature (max)
d) 3.0mm tip diameter (max)
e) Use a 30 watt (max.) soldering iron with tip diameter of 3.0mm
f) Limit soldering time to 5 secs.
8-3 Hand Soldering :
Cooling condition :
Preheating
260
217
Soldering
solder land size
exceed 3°C/sec.
8-1 Re-flow Soldering :
8-2 Wave Soldering :
Soldering
Preheating
300
250
230
cooling
Natural
components. In general a hand soldering method is not recommend unless proper preheating and handling practices have
Preheat and gradual increase in temp. to the reflow temp. is recommended to decrease the potential of the thermal crack


Similar Description - V3X393-B-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com