Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI453232-181F Datasheet(PDF) 6 Page - Superworld Electronics

Part # WI453232-181F
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232-181F Datasheet(HTML) 6 Page - Superworld Electronics

  WI453232-181F Datasheet HTML 1Page - Superworld Electronics WI453232-181F Datasheet HTML 2Page - Superworld Electronics WI453232-181F Datasheet HTML 3Page - Superworld Electronics WI453232-181F Datasheet HTML 4Page - Superworld Electronics WI453232-181F Datasheet HTML 5Page - Superworld Electronics WI453232-181F Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
26.02.2009
WI453232 SERIES
9. RELIABILTY TEST :
MOLDED WIREWOUND CHIP INDUCTORS
AFTER FLUXING, INDUCTOR SHALL BE DIPPED IN
THE TERMINAL SHALL
CLIMATIC TEST
HUMIDITY LOAD LIFE
HIGH TEMPERATURE
SOLDERABILITY TEST
LOAD LIFE TEST
DRY HEAT TEST
THERMAL SHOCK
TEST
COLD TEST
HUMIDITY TEST
TEMPERATURE
CHARACTERISTIC
RESISTANCE TO
SOLVENT TEST
-40±2°C
ROOM TEMP
3. Q SHALL NOT
2. R.H. :90 ----- 95%
1. TEMP :40±2°C
1. TEMP :85±2°C
2. TIME :96±2 HOURS
1. TEMP :85±2°C
TOTAL :5 CYCLES
4. LOAD :ALLOWED DC CURRENT
3. TIME :1000±12 HOURS
3. LOAD :ALLOWED DC CURRENT
2. TIME :1000±12 HOURS
EVIDENCE OF SHORT OR
THERE SHALL BE NO
OPEN CIRCUITING
CHANGE MORE THAN
±20%
15 MINS
15 MINS
ROOM TEMP
30 MINS
30 MINS
125±2°C
1. TEMP :-25±2°C
2. TIME :96±2 HOURS
-40°C ----- +125°C
3. TIME :96±2 HOURS
2. R.H. :90 ----- 95%
1. TEMP :40±2°C
5 SECONDS.
MIL-STD-202F, METHOD 215D
A MELTED SOLDER BATH AT 240±5°C FOR
NOT CHANGE MORE
2. INDUCTANCE SHALL
1. INDUCTORS SHALL BE
NO EVIDENCE OF
ELECTRICAL AND
MECHANICAL
THAN ±10%
DAMAGE
APPEARANCE OR
OBLITERATION OF
COVERED WITH SOLDER
THERE SHALL BE NO
CASE DEFORMATION
BE AT LEAST 90%
CHANGE IN
MARKING
TERMINAL
STRENGTH-PULL
TEST
1 MINUTE.
TERMINALS IN THE AXIS DIRECTION FOR
A 0.5KG LOAD SHALL BE APPLIED TO BOTH
TERMINAL SHALL NOT
BE LOOSENED OR
RUPTURED
Unless otherwise specified, allow the specimen to stand at room temperature for 1 hour
or more but more than 2 hours, measure the electrical and mechanical performances
Note :


Similar Part No. - WI453232-181F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232-181F SUPERWORLD-WI453232-181F Datasheet
263Kb / 5P
   Wire Wound Inductor
More results

Similar Description - WI453232-181F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com