Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7X104-B-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # V7X104-B-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V7X104-B-10 Datasheet(HTML) 2 Page - Superworld Electronics

  V7X104-B-10 Datasheet HTML 1Page - Superworld Electronics V7X104-B-10 Datasheet HTML 2Page - Superworld Electronics V7X104-B-10 Datasheet HTML 3Page - Superworld Electronics V7X104-B-10 Datasheet HTML 4Page - Superworld Electronics V7X104-B-10 Datasheet HTML 5Page - Superworld Electronics V7X104-B-10 Datasheet HTML 6Page - Superworld Electronics V7X104-B-10 Datasheet HTML 7Page - Superworld Electronics V7X104-B-10 Datasheet HTML 8Page - Superworld Electronics V7X104-B-10 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
HIGH VOLTAGE CHIP CAPACITORS
V7X SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
6. ELECTRICAL CHARACTERISTICS : ( Rated Voltage : 200Vdc )
V7X393 -B-10
39000
470000
V7X474 -B-10
V7X154 -B-10
150000
V7X274 -B-10
V7X334 -B-10
V7X394 -B-10
V7X224 -B-10
V7X184 -B-10
270000
390000
330000
220000
180000
V7X473 -B-10
V7X563 -B-10
V7X124 -B-10
V7X104 -B-10
V7X683 -B-10
68000
120000
100000
56000
47000
V7X123 -B-10
12000
V7X183 -B-10
V7X153 -B-10
V7X273 -B-10
V7X333 -B-10
V7X223 -B-10
22000
33000
27000
18000
15000
V7X103 -B-10
10000
680000
V7X684 -B-10
2200000
1500000
1000000
V7X225 -B-10
V7X155 -B-10
V7X105 -B-10
560000
V7X564 -B-10
Capacitance
Part Number
( pF )
Capacitance
Part Number
( pF )
Tolerance code :
M : ±20%
K : ±10%
J : ±5%
D : ±0.50pF
C : ±0.25pF
:


Similar Part No. - V7X104-B-10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7XE-20AS20 BEL-V7XE-20AS20 Datasheet
150Kb / 4P
   NON-ISOLATED DC/DC CONVERTER
V7XZ-01RD BEL-V7XZ-01RD Datasheet
85Kb / 3P
   ISOLATED DC/DC CONVERTERS 24 V Input 22.5 V/28 mA or 27 V/25 mA Dual Outputs
V7XZ-01RD10 BEL-V7XZ-01RD10 Datasheet
85Kb / 3P
   ISOLATED DC/DC CONVERTERS 24 V Input 22.5 V/28 mA or 27 V/25 mA Dual Outputs
V7XZ-01RD20 BEL-V7XZ-01RD20 Datasheet
85Kb / 3P
   ISOLATED DC/DC CONVERTERS 24 V Input 22.5 V/28 mA or 27 V/25 mA Dual Outputs
More results

Similar Description - V7X104-B-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com