Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z1K800-RL-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # Z1K800-RL-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1K800-RL-10 Datasheet(HTML) 1 Page - Superworld Electronics

  Z1K800-RL-10 Datasheet HTML 1Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 2Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 3Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 4Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 5Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 6Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 7Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 8Page - Superworld Electronics Z1K800-RL-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(a) (c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Material code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Body : Ferrite
(b) Termination : Ag/Ni/Sn
a
3. SCHEMATIC :
(e) R : Reel
(f) Current code : L = 2000mA
5. GENERAL SPECIFICATION :
b) Rated current : Base on temp. rise
a) Temp. rise : 30°C Max.
Z1 SERIES
FERRITE CHIP BEADS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
03.07.2008
PCB Pattern
G
0.50±0.10
BD
0.50 Ref.
0.55 Ref.
2.10 Ref.
GH
L
Unit:m/m
L
1.00±0.10
A
C
0.50±0.10
A
D
B
0.25±0.10
b
Ag(100%)
Ni(100%)-1.5um(min.)
Sn(100%)-3.0um(min.)
c) Storage temp. : -55°C to +125°C
d) Operating temp. : -55°C to +125°C ( include self-temp. rise )
e) Resistance to solder heat : 260°C.10secs
Z 1 K 1 0 0 - R L - 1 0
(f)
(g)
(d) Impedance code : 100 = 10
(g) 10 : Lead Free


Similar Part No. - Z1K800-RL-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z1K100-RM-10 SUPERWORLD-Z1K100-RM-10 Datasheet
182Kb / 7P
   FERRITE CHIP BEADS
Z1K102-RA-10 SUPERWORLD-Z1K102-RA-10 Datasheet
223Kb / 9P
   FERRITE CHIP BEADS
Z1K121-RA-10 SUPERWORLD-Z1K121-RA-10 Datasheet
397Kb / 10P
   FERRITE CHIP BEADS
Z1K121-RA-10 SUPERWORLD-Z1K121-RA-10 Datasheet
223Kb / 9P
   FERRITE CHIP BEADS
Z1K121-RL-10 SUPERWORLD-Z1K121-RL-10 Datasheet
182Kb / 7P
   FERRITE CHIP BEADS
More results

Similar Description - Z1K800-RL-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com