Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V8N472-J-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # V8N472-J-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V8N472-J-10 Datasheet(HTML) 2 Page - Superworld Electronics

  V8N472-J-10 Datasheet HTML 1Page - Superworld Electronics V8N472-J-10 Datasheet HTML 2Page - Superworld Electronics V8N472-J-10 Datasheet HTML 3Page - Superworld Electronics V8N472-J-10 Datasheet HTML 4Page - Superworld Electronics V8N472-J-10 Datasheet HTML 5Page - Superworld Electronics V8N472-J-10 Datasheet HTML 6Page - Superworld Electronics V8N472-J-10 Datasheet HTML 7Page - Superworld Electronics V8N472-J-10 Datasheet HTML 8Page - Superworld Electronics V8N472-J-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
HIGH VOLTAGE CHIP CAPACITORS
V8N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
6. ELECTRICAL CHARACTERISTICS : ( Rated Voltage : 1KVdc )
15000
V8N153 -J-10
390
V8N391 -J-10
V8N122 -J-10
V8N222 -J-10
V8N332 -J-10
V8N272 -J-10
V8N182 -J-10
V8N152 -J-10
V8N681 -J-10
V8N102 -J-10
V8N821 -J-10
V8N561 -J-10
V8N471 -J-10
1200
2200
3300
2700
1800
1500
680
1000
820
560
470
V8N183 -J-10
18000
V8N121 -J-10
V8N221 -J-10
V8N271 -J-10
V8N331 -J-10
V8N151 -J-10
V8N181 -J-10
V8N101 -J-10
V8N472 -J-10
120
220
330
270
180
150
V8N822 -J-10
V8N123 -J-10
V8N103 -J-10
V8N682 -J-10
V8N562 -J-10
100
V8N392 -J-10
4700
8200
12000
10000
6800
5600
3900
Capacitance
Part Number
( pF )
Capacitance
Part Number
( pF )
Tolerance code :
M : ±20%
K : ±10%
J : ±5%
D : ±0.50pF
C : ±0.25pF
:


Similar Description - V8N472-J-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com