Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4K801-RC-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z4K801-RC-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z4K801-RC-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z4K801-RC-10 Datasheet HTML 1Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 2Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 3Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 4Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 5Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 6Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 7Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 8Page - Superworld Electronics Z4K801-RC-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP BEADS
Z4 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
04.07.2008
6. ELECTRICAL CHARACTERISTICS :
7. IMPEDANCE VS. FREQUENCY CURVES :
800 ±25%
1206
Z4K801-RC-10
Z4V152-RC-10
Z4V202-RC-10
Z4K102-RC-10
1000 ±25%
1500 ±25%
2000 ±25%
1206
1206
1206
Z4K471-RD-10
Z4K601-RD-10
Z4K221-RG-10
Z4K301-RG-10
Z4K151-RI-10
Z4K121-RI-10
Part Number
470 ±25%
600 ±25%
300 ±25%
220 ±25%
Impedance
150 ±25%
120 ±25%
1206
1206
1206
1206
1206
1206
Size
EIA
(
)
300
0.60
100
30
50
100
0.70
0.70
0.60
300
300
300
DC Resistance
Test
100
100
100
100
( MHz )
Frequency
100
100
0.35
0.35
0.40
0.35
Max.
(
)
0.15
0.15
Rated Current
400
400
700
700
900
900
Max.
( mA )
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
FCM3216K-121T09
Z
R
X
Z4K121-R I-00
Z4K121-RI-10
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
FCM3216K-151T09
Z
R
X
Z4K151-R I-00
Z4K151-RI-10
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
FCM3216K-221T07
Z
R
X
Z4K221-R G-00
Z4K221-RG-10
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
FCM3216K-301T07
Z
R
X
Z4K301-R G-00
Z4K301-RG-10


Similar Part No. - Z4K801-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z4K800-RN-10 SUPERWORLD-Z4K800-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
Z4K800-RN-10 SUPERWORLD-Z4K800-RN-10 Datasheet
291Kb / 7P
   Ferrite Chip Bead ??Z4 Large Current Application Series
More results

Similar Description - Z4K801-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com