Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4K121-RL-10 Datasheet(PDF) 9 Page - Superworld Electronics

Part # Z4K121-RL-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z4K121-RL-10 Datasheet(HTML) 9 Page - Superworld Electronics

  Z4K121-RL-10 Datasheet HTML 1Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 2Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 3Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 4Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 5Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 6Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 7Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 8Page - Superworld Electronics Z4K121-RL-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 9
04.07.2008
FERRITE CHIP BEADS
Z4 SERIES
Application Notice
a) Temperature and humidity conditions : -10 ~ 40°C and 30 ~ 70% RH.
b) Recommended products should be used within 6 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
To maintain the solderabililty of terminal electrodes :
2. Transportation :
1. Storage Conditions :
Base tape
10-4. Tearing Off Force
Top cover tape
165° to 180°
F
10-3. Packaging Quantity
Bulk (Bags)
Carton
Middle Box
Inner Box
Chip / Reel
Chip Size
12000
20000
40000
7000
20000
40000
20000
30000
80000
40000
125000
62500
4000
1000
1000
4000
87
2000
8000
12500
2500
65
in the arrow direction under the following conditions.
The force for tearing off cover tape is 15 to 60 grams
Tearing Speed
45~85
Room Humidity
5~35
(°C)
Room Temp.
(%)
860~1060
Room atm
(hPa)
(mm/min)
300
50000
10000
300000
500000
250000
150000
100000
200000
100000
50000
100000
50000
150000
75000
200000
200000
100000
4000
20000
3 (09)
10000
3000
15000
2000
3 (12)
4
4000
20000
21


Similar Part No. - Z4K121-RL-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z4K121-RL-10 SUPERWORLD-Z4K121-RL-10 Datasheet
291Kb / 7P
   Ferrite Chip Bead ??Z4 Large Current Application Series
More results

Similar Description - Z4K121-RL-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com