Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86114-3200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86114-3200
Description  Optical EMI Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86114-3200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86114-3200 Datasheet HTML 1Page - Molex Electronics Ltd. 86114-3200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
Optical EMI Adapters
LC - 86115 Series
MPO - 86114 Series
SC - 86116 Series
Limit EMI Emissions In Front Panel Applications With Molex’s Optical
EMI Adapters
EMI (Electro Magnetic Interference) shielding adapters are designed to address
mechanical design requirements to limit EMI emissions from the equipment front
panel. The adapters are constructed of die-cast bodies with an EMI gasket that
seals the adapters to the panel. EMI adapters increase the shielding effectiveness
while enhancing the front panel aesthetics compared to traditional plastic adapters.
Our extensive EMI adapter product line includes SC, LC Duplex and MPO styles. The
family includes both straight and angled mount adapters in both snap-in and screw
mount configurations. The straight mount designs meet industry standard
mounting dimensions. The angled mount design cut-outs are unique to each
adapter. External shutters are standard on adapters, ensuring dust protection and
eye laser safety.
Reference Information
Packaging: Bag
Mates With: LC Duplex, SC, MPO connectors
Designed In: SC – Inches, LC and MPO - Millimeters
Mechanical
Mating Durability: IL<0.2dB over 200 cycles
Physical
Adapter Housing:
LC, MPO and SC - Zinc Die-cast
LC 45° - Zinc Die-cast/Polymer
Plating: Nickel Chrome
Alignment Sleeve: Zirconia Ceramic
Operating Temperature: -40 to +75° C
Mates with: Industry standard fiber optic connectors
Features and Benefits
I Die-cast adapter housings provide superior shielding effectiveness
I Aperture is reduced to the minimum possible size to minimize EMI emissions
I EMI gaskets included create an EMI seal between the adapter and the mounting
surface
I Safety shutters included provide dust protection, eye safety and reduce EMI
when no connector is installed
I Screw or snap mount styles available provide mounting flexibility
I Straight or 45° mounting orientations allow for lower cable exit profile
APPLICATIONS
I Telecommunication
- High-speed line cards
- Server blades
- Router connections
I Storage
- ATM equipment
- Gigabit Ethernet testing equipment
I Other Markets
- Test equipment
- Any front panel application where EMI is an issue
(Offers a more robust and visually appealing adapter than traditional plastic
adapters)


Similar Part No. - 86114-3200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86114-9500 MOLEX-86114-9500 Datasheet
388Kb / 2P
   Swivel EMI Shielding Adapters
More results

Similar Description - 86114-3200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106100-9000 MOLEX-106100-9000 Datasheet
730Kb / 2P
   Optical Multi-Format EMI Adapters
logo
Glenair, Inc.
M28840-23JW GLENAIR-M28840-23JW Datasheet
72Kb / 1P
   EMI Adapters
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86114-9500 MOLEX-86114-9500 Datasheet
388Kb / 2P
   Swivel EMI Shielding Adapters
86059-0100 MOLEX-86059-0100 Datasheet
317Kb / 2P
   Optical Industrial Cable Assemblies and Adapters
106059-0100 MOLEX-106059-0100 Datasheet
962Kb / 6P
   Optical Industrial Cable Assemblies and Adapters
logo
Balluff Korea Ltd.
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
   Adapters
0.61_2022-07-11
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
   Adapters
0.54_2022-07-16
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
   Adapters
0.54_2022-07-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com