Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDD2727DF-4805-S1.5K-5M Datasheet(PDF) 1 Page - Central Technologies

Part # CTDD2727DF-4805-S1.5K-5M
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD2727DF-4805-S1.5K-5M Datasheet(HTML) 1 Page - Central Technologies

  CTDD2727DF-4805-S1.5K-5M Datasheet HTML 1Page - Central Technologies CTDD2727DF-4805-S1.5K-5M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
SPECIFICATIONS
Vin
Vin
Iout
Iout
Effi.
Part
Nom.
Input Range
Max.*
Vout
Max.
Min.**
Typ.
Number
(VDC)
(VDC)
(VDC)
(VDC)
(mA)
(mA)
(%)
CTDD2727DF-1205-S1.5K-5M
12
9-18
20
5
1000
100
74
CTDD2727DF-1209-S1.5K-5M
12
9-18
20
9
556
56
75
CTDD2727DF-1212-S1.5K-5M
12
9-18
20
12
420
42
77
CTDD2727DF-1215-S1.5K-5M
12
9-18
20
15
333
34
80
CTDD2727DF-1224-S1.5K-5M
12
9-18
20
24
208
21
82
CTDD2727DF-2405-S1.5K-5M
24
18-36
40
5
1000
100
77
CTDD2727DF-2409-S1.5K-5M
24
18-36
40
9
556
56
80
CTDD2727DF-2412-S1.5K-5M
24
18-36
40
12
420
42
81
CTDD2727DF-2415-S1.5K-5M
24
18-36
40
15
333
34
84
CTDD2727DF-2424-S1.5K-5M
24
18-36
40
24
208
21
85
CTDD2727DF-4805-S1.5K-5M
48
36-72
80
5
1000
100
79
CTDD2727DF-4809-S1.5K-5M
48
36-72
80
9
556
56
82
CTDD2727DF-4812-S1.5K-5M
48
36-72
80
12
420
42
85
CTDD2727DF-4815-S1.5K-5M
48
36-72
80
15
333
34
85
CTDD2727DF-4824-S1.5K-5M
48
36-72
80
24
208
21
86
*If Input voltage above specified may cause permanent damage to the device
**The load should not be less than 10%, otherwise ripple will increase dramatically
ISOLATION SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Isolation Voltage
Flash tested for 1 minute
1500
VDC
Isolation Resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
5W Output Power
0.5
5
W
Positive voltage accuracy
Refer to Recommended Circuit
±1
±3
%
Load regulation
From 10% to 100% load
±0.5
±1
%
Line regulation
Input Voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
Refer to Temp. Derating Graph
0.03
%/°C
Ripple
20Hz to 300KHz Bandwidth
30
50
mVp-p
Noise
DC-20MHz Bandwidth
80
150
mVp-p
Switching frequency
100% load, nominal input voltage
300
KHz
CTDD2727DF-S1.5K-5M
Series
Wide Input Isolated & Regulated
5W Output, Single Output
Not shown at actual size.
FEATURES
Efficiency: To 85%
Temperature Range: -40°C to +85°C
Isolation: 1.5KVDC
Miscellaneous: Wide (2:1) Input Range. Metal Shielding
Package. Short circuit protection. No heat sink required. Industry
Standard Pinout. Single Output
Samples available.
CHARACTERISTICS
Output Short Circuit Protection: Continuous
Temperature Rise at Full Load: 30°C (Typ.)
Cooling: Free air convection
No Load, Power Consumption: 300mW (typical)
Operating Temperature Range: -40°C to +85°C
Storage Temperature Range: -55°C to +125°C
Lead Temperature: 300°C (1.5mm from case for 10 seconds)
Storage Humidity Range: < 95%
Case Material: Metal
MTBF: >1,000,000 hours
Miscellaneous: RoHS Compliant.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output unless
otherwise specified.
01.18.07
TYPICAL CHARACTERISTICS
120
80
60
40
20
0
-40
0
40
71 85
120
Ambient Temperature (°C)
100
Safe Operating Area
RoHS
Compliant
Temperature Derating Graph


Similar Part No. - CTDD2727DF-4805-S1.5K-5M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD2727DF-4805-D1K-5 CT-CTDD2727DF-4805-D1K-5 Datasheet
537Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD2727DF-4805-S1.5K-5M

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com