Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDD3220DF-1212-D1K-1 Datasheet(PDF) 2 Page - Central Technologies

Part # CTDD3220DF-1212-D1K-1
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD3220DF-1212-D1K-1 Datasheet(HTML) 2 Page - Central Technologies

  CTDD3220DF-1212-D1K-1 Datasheet HTML 1Page - Central Technologies CTDD3220DF-1212-D1K-1 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD3220DF-D1K-1 Package
Bottom View
Side View
31.80
15.24
2.00
27.94
5.08
9.45
0.50
20.30
4.00
Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
12
3
10 11 12
24 23 22
15 14 13
PIN CONNECTIONS
Bottom View
Pin
1, 24
12, 13
2, 23
10, 15, 3, 22
11, 14
Function
Vin
GND
-Vo
0V
+Vo
12
3
10 11 12
15 14 13
24 23 22
01.18.07
CTDD3220DF-D1K-1 Series
Fixed Input Isolated & Regulated
1W Output, Dual Output


Similar Part No. - CTDD3220DF-1212-D1K-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3220DF-1212-D1K-2 CT-CTDD3220DF-1212-D1K-2 Datasheet
256Kb / 2P
   DC/DC Converters
CTDD3220DF-1212-D1K-3 CT-CTDD3220DF-1212-D1K-3 Datasheet
511Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD3220DF-1212-D1K-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com