Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVC2952A Datasheet(PDF) 9 Page - Texas Instruments

Part # LVC2952A
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC2952A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LVC2952A Datasheet HTML 5Page - Texas Instruments LVC2952A Datasheet HTML 6Page - Texas Instruments LVC2952A Datasheet HTML 7Page - Texas Instruments LVC2952A Datasheet HTML 8Page - Texas Instruments LVC2952A Datasheet HTML 9Page - Texas Instruments LVC2952A Datasheet HTML 10Page - Texas Instruments LVC2952A Datasheet HTML 11Page - Texas Instruments LVC2952A Datasheet HTML 12Page - Texas Instruments LVC2952A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - LVC2952A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVC20 OHMITE-LVC20 Datasheet
360Kb / 2P
   Computer
LVC20 OHMITE-LVC20 Datasheet
360Kb / 2P
   Low Value Chip
logo
List of Unclassifed Man...
LVC201B10 ETC2-LVC201B10 Datasheet
509Kb / 10P
   Sealed Power Inductors
LVC201B12 ETC2-LVC201B12 Datasheet
509Kb / 10P
   Sealed Power Inductors
logo
Ohmite Mfg. Co.
LVC20FR249E OHMITE-LVC20FR249E Datasheet
109Kb / 1P
   Low Value Thick Film Chip
More results

Similar Description - LVC2952A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com