Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDLW21SF-161T03 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDLW21SF-161T03
Description  Common Mode Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDLW21SF-161T03 Datasheet(HTML) 1 Page - Central Technologies

  CTDLW21SF-161T03 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Chokes
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.30.05
Size
A
B
C
D
E
F
mm
2.0±0.2
1.2±0.2
1.2±0.2
0.4±0.1
0.4±0.1
0.15±0.1
inches
0.079±0.008
0.047±0.008
0.047±0.008
0.016±0.004
0.016±0.004 0.006±0.004
PHYSICAL DIMENSIONS
PAD LAYOUT
A
B
F
1
1
4
4
E
G
G: 0.55±0.10
H: 0.46±0.10
E
G
CTDLW21S-900T04 (only)
2
2
3
3
1
2
3
4
Unit: mm
1.20
2.70
1
2
3
4
SPECIFICATIONS
CTDLW21SF Please specify “F” for RoHS compliant.
Common Mode
DCR
Rated
Rated
Withstand
Insulation
Part
Imp. @100MHz
Max.
Current
Volatge
Voltage
Resis. Min.
Number
(
Ω)(Ω
Ω)
(mA)
(Vdc)
(Vdc)
(
Ω)
CTDLW21S_-300T04
30±25%
0.20
400
50
125
10M
CTDLW21S_-670T04
67±25%
0.25
400
50
125
10M
CTDLW21S_-900T04
90±25%
0.30
400
50
125
10M
CTDLW21S_-121T04
120±25%
0.30
400
50
125
10M
CTDLW21S_-161T03
160±25%
0.35
350
50
125
10M
CTDLW21S_-181T03
180±25%
0.35
350
50
125
10M
CTDLW21S_-221T03
220±25%
0.40
300
50
125
10M
CTDLW21S_-261T03
260±25%
0.40
300
50
125
10M
CTDLW21S_-301T03
300±25%
0.45
300
50
125
10M
CTDLW21S_-361T01
360±25%
0.50
100
50
125
10M
CTDLW21S_-371T01
370±25%
0.50
100
50
125
10M
CTDLW21S Series
From 30
Ω to 370 Ω
Not shown at actual size.
CHARACTERISTICS
Description: SMD Wire Wound Common Mode Choke Coils for
Signal Lines
Applications: Suitable for radiation noise suppression for any
electronic devices. Used to to counter common mode noise
interferance within high speed signal lines. Applications like: USB
2.0 Line for personal computers and peripheral devices, IEEE1394
line for personal computers, DVC etc and LVDS, panel link line for
crystal display panels.
Operating Temperature: -55°C to +125°C
Testing: Impedance is tested on an HP9287A at 100 MHz
Packaging: Tape & Reel
Marking: Reels marked with part number.
Additional Information: Additional electrical & physical
information available upon request
Miscellaneous: RoHS Compliant available.
Samples available. See website for ordering information.
RoHS
Compliant
Available


Similar Part No. - CTDLW21SF-161T03

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDLW21SF-161T03 CT-CTDLW21SF-161T03 Datasheet
153Kb / 1P
   Common Mode Chokes
More results

Similar Description - CTDLW21SF-161T03

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com