Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDO1606T Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO1606T
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO1606T Datasheet(HTML) 1 Page - Central Technologies

  CTDO1606T Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.04.05
L Test
DCR
SRF
Part
Inductance
Freq.
Max.
Ref.
Isat
Irms
Number
(µH)
(kHz)
(
Ω)
(MHz)
(A)
(A)
CTDO1606T_-102_
1.0
100
.05
230
2.25
2.3
CTDO1606T_-152_
1.5
100
.06
180
1.98
2.1
CTDO1606T_-222_
2.2
100
.07
140
1.62
1.7
CTDO1606T_-332_
3.3
100
.10
110
1.26
1.3
CTDO1606T_-472_
4.7
100
.12
100
1.08
1.1
CTDO1606T_-682_
6.8
100
.19
80
0.99
1.0
CTDO1606T_-103_
10
100
.30
60
0.90
0.90
CTDO1606T_-153_
15
100
.40
45
0.72
0.70
CTDO1606T_-223_
22
100
.54
35
0.54
0.50
CTDO1606T_-333_
33
100
.74
30
0.45
0.45
CTDO1606T_-473_
47
100
1.1
22
0.40
0.40
CTDO1606T_-683_
68
100
1.6
20
0.31
0.35
CTDO1606T_-104_
100
100
2.3
15
0.27
0.30
CTDO1606T_-154_
150
100
3.2
10
0.22
0.25
CTDO1606T_-224_
220
100
5.7
9
0.16
0.18
CTDO1606T_-334_
330
100
8.2
8
0.14
0.16
CTDO1606T_-474_
470
100
10.8
7
0.12
0.12
CTDO1606T_-684_
680
100
17.2
5
0.10
0.10
CTDO1606T_-105_
1000
100
22.6
4
0.07
0.08
SPECIFICATIONS
Please specify tolerance code when ordering.
CTDO1606T-102__
K = ±10% M = ±20%
CTDO1606TF Please specify “F” for RoHS Compliant
CTDO1606T Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters. Used in limited spaces and ultra-low profiles
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±10%, ±20%
Inuctance Drop: 10% typ. at Isat
Temp. Rise:
∆T = 30°C rise at Irms
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Parts are marked with the appropriate inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
6.5
2.0
5.6
1.0
4.3
2.0
inches
0.26
0.08
0.22
0.04
0.17
0.08
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTDO1606T

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO1606TF CT-CTDO1606TF Datasheet
219Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO1606T

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com