Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB54AT3 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 1SMB54AT3
Description  PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB54AT3 Datasheet(HTML) 5 Page - Motorola, Inc

  1SMB54AT3 Datasheet HTML 1Page - Motorola, Inc 1SMB54AT3 Datasheet HTML 2Page - Motorola, Inc 1SMB54AT3 Datasheet HTML 3Page - Motorola, Inc 1SMB54AT3 Datasheet HTML 4Page - Motorola, Inc 1SMB54AT3 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GENERAL DATA — 600 WATT PEAK POWER
Motorola TVS/Zener Device Data
5-5
600 Watt Peak Power Data Sheet
600 Watt Peak Power
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Transient Voltage Suppressors — Surface Mounted
CASE 403A
PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Tape and Reel
2.5K
Type No. Suffix
T3 (13 inch reel)
MPQ (Units)
0.160
0.130
0.075
0.077
0.0020
0.006
0.030
0.205
0.180
0.150
0.095
0.083
0.0060
0.012
0.050
0.220
B
A
S
C
D
KP
J
H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN
DIMENSION P.
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
H
J
K
P
S
4.06
3.30
1.90
1.96
0.051
0.15
0.76
5.21
4.57
3.81
2.41
2.11
0.152
0.30
1.27
5.59
0.51 REF
0.020 REF
SMB Footprint
mm
inches
0.085
2.159
0.108
2.743
0.089
2.261


Similar Part No. - 1SMB54AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB54AT3 ONSEMI-1SMB54AT3 Datasheet
69Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB54AT3G ONSEMI-1SMB54AT3G Datasheet
69Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB54AT3G ONSEMI-1SMB54AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB54AT3G ONSEMI-1SMB54AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB54AT3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZP6SMB LITTELFUSE-SZP6SMB Datasheet
652Kb / 7P
   Surface Mount > 600W Zener Transient Overvoltage Suppressors
Revised: GD. 01/08/21
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1SMB15CAT3 ONSEMI-1SMB15CAT3 Datasheet
58Kb / 6P
   PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V, 600 W PEAK POWER
April, 2004 ??Rev. 5
MR2535L ONSEMI-MR2535L Datasheet
63Kb / 5P
   Overvoltage Transient Suppressors
June, 2006 ??Rev. 7
logo
DIOTEC Electronics Corp...
TSBD-5000S-1A DEC-TSBD-5000S-1A Datasheet
63Kb / 1P
   50 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
DR2535L DEC-DR2535L Datasheet
92Kb / 1P
   25 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com