Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC827APWE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC827APWE4
Description  10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC827APWE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC827APWE4 Datasheet HTML 5Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 6Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 7Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 8Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 9Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 10Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 11Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 12Page - Texas Instruments SN74LVC827APWE4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74LVC827APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC827APW TI1-SN74LVC827APW Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC827APWG4 TI1-SN74LVC827APWG4 Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC827APWLE TI1-SN74LVC827APWLE Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC827APWR TI1-SN74LVC827APWR Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC827APWT TI1-SN74LVC827APWT Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
More results

Similar Description - SN74LVC827APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI1-SN74LVC827A_16 Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com