Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44812-0048 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44812-0048
Description  2.54mm (.100?? Pitch KK짰 Low Profile PC Board Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44812-0048 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44812-0048 Datasheet HTML 1Page - Molex Electronics Ltd. 44812-0048 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
HVAC
Automotive components
- Radios
- HVAC
- Controls
Medical equipment
Home entertainment
Home security
Servers, PCs, routers, hubs
Distribution – only one part to stock for two
functions, providing reduced carrying costs
Can be used virtually anywhere two boards need to
be connected together
Tin Order No.
15µ" Gold Order No.
30µ" Gold Order No.
Circuit
44812-0002
44812-0020
44812-0040
2
44812-0003
44812-0021
44812-0041
3
44812-0004
44812-0022
44812-0042
4
44812-0005
44812-0023
44812-0043
5
44812-0006
44812-0024
44812-0044
6
44812-0007
44812-0025
44812-0045
7
44812-0008
44812-0026
44812-0046
8
44812-0009
44812-0027
44812-0047
9
44812-0010
44812-0028
44812-0048
10
44812-0011
44812-0029
44812-0049
11
44812-0012
44812-0030
44812-0050
12
44812-0013
44812-0031
44812-0051
13
44812-0014
44812-0032
44812-0052
14
44812-0015
44812-0033
44812-0053
15
44812-0016
44812-0034
44812-0054
16
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com
Order No. USA-220
Printed in USA/JI/2004.01
©
2004, Molex
2.54mm (.100”) Pitch
KK® Low Profile PC Board
Receptacle
44812
Top and Bottom Entry


Similar Part No. - 44812-0048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44812-0048 MOLEX6-44812-0048 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 10 Circuits
More results

Similar Description - 44812-0048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0448120032 MOLEX6-0448120032 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
0448120023 MOLEX6-0448120023 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
0448120015 MOLEX6-0448120015 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 5.0um (200u") Tin (Sn), 15 Circuits
0038001442 MOLEX3-0038001442 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 22 Circuits
0038001432 MOLEX3-0038001432 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 12 Circuits
0038001434 MOLEX3-0038001434 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 14 Circuits
0038001445 MOLEX3-0038001445 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 25 Circuits
0038001435 MOLEX3-0038001435 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 15 Circuits
0038001428 MOLEX3-0038001428 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 8 Circuits
0038001438 MOLEX3-0038001438 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 18 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com