Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCC3245APWE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVCC3245APWE4
Description  OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC3245APWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVCC3245APWE4 Datasheet HTML 1Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 2Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 3Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 4Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 5Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 6Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 7Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 8Page - Texas Instruments SN74LVCC3245APWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Electrical Characteristics
SN74LVCC3245A
OCTAL BUS TRANSCEIVER
WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS585O – NOVEMBER 1996 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
UNIT
IOH = –100 µA
3 V
3 V
2.9
3
IOH = –8 mA
2.3 V
3 V
2
2.7 V
3 V
2.2
2.5
VOHA
IOH = –12 mA
V
3 V
3 V
2.4
2.8
3 V
3 V
2.2
2.6
IOH = –24 mA
2.7 V
4.5 V
2
2.3
IOH = –100 µA
3 V
3 V
2.9
3
2.3 V
3 V
2.4
IOH = –12 mA
VOHB
2.7 V
3 V
2.4
2.8
V
3 V
3 V
2.2
2.6
IOH = –24 mA
2.7 V
4.5 V
3.2
4.2
IOL = 100 µA
3 V
3 V
0.1
IOL = 8 mA
2.3 V
3 V
0.6
VOLA
IOL = 12 mA
2.7 V
3 V
0.1
0.5
V
3 V
3 V
0.2
0.5
IOL = 24 mA
2.7 V
4.5 V
0.2
0.5
IOL = 100 µA
3 V
3 V
0.1
IOL = 12 mA
2.3 V
3 V
0.4
VOLB
V
3 V
3 V
0.2
0.5
IOL = 24 mA
2.7 V
4.5 V
0.2
0.5
3.6 V
±0.1
±1
II
Control inputs
VI = VCCA or GND
3.6 V
µA
5.5 V
±0.1
±1
IOZ(1)
A or B ports
VO = VCCA/B or GND,
VI = VIL or VIH
3.6 V
3.6 V
±0.5
±5
µA
A port = VCCA or GND,
IO = 0
3.6 V
Open
5
50
ICCA
B to A
3.6 V
5
50
µA
B port = VCCB or GND,
IO = 0
3.6 V
5.5 V
5
50
3.6 V
5
50
ICCB
A to B
A port = VCCA or GND,
IO = 0
3.6 V
µA
5.5 V
8
80
VI = VCCA – 0.6 V, Other inputs at VCCA or GND,
A port
3.6 V
3.6 V
0.35
0.5
OE at GND and DIR at VCCA
VI = VCCA – 0.6 V, Other inputs at VCCA or GND,
∆I
CCA
(2)
OE
3.6 V
3.6 V
0.35
0.5
mA
DIR at VCCA
VI = VCCA – 0.6 V, Other inputs at VCCA or GND,
DIR
3.6 V
3.6 V
0.35
0.5
OE at GND
VI = VCCB – 2.1 V, Other inputs at VCCB or GND,
∆I
CCB
(2)
B port
3.6 V
5.5 V
1
1.5
mA
OE at GND and DIR at GND
Ci
Control inputs
VI = VCCA or GND
Open
Open
4
pF
Cio
A or B ports
VO = VCCA/B or GND
3.3 V
5 V
18.5
pF
(1)
For I/O ports, the parameter IOZ includes the input leakage current.
(2)
This is the increase in supply current for each input that is at one of the specified voltage levels, rather than 0 V or the associated VCC.
5


Similar Part No. - SN74LVCC3245APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC3245APW TI1-SN74LVCC3245APW Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
SN74LVCC3245APWG4 TI1-SN74LVCC3245APWG4 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
SN74LVCC3245APWLE TI1-SN74LVCC3245APWLE Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
SN74LVCC3245APWR TI1-SN74LVCC3245APWR Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
SN74LVCC3245APWRE4 TI1-SN74LVCC3245APWRE4 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
More results

Similar Description - SN74LVCC3245APWE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_05 Datasheet
106Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP Datasheet
654Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_15 Datasheet
134Kb / 13P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245A RENESAS-HD74LVCC3245A Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC3245 TI-SN74LVCC3245 Datasheet
111Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com