Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDO5022P-103HC Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO5022P-103HC
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO5022P-103HC Datasheet(HTML) 1 Page - Central Technologies

  CTDO5022P-103HC Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
Size
A
B
C
D
Max.
Typ.
Max.
Max.
mm
16.26
12.7
8
22.35
inches
0.64
0.5
0.32
0.88
A
1st significant digit
2nd significant digit
Ind. Code
3rd significant digit
C
D
B
Parts will be marked with
Significant Digit Dots OR Inductance Code
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDO5022PF Please specify “F” for RoHS Compliant
L Test
DCR
SRF
Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Irms
Number
(µH)
(kHz)
(m
Ω)
(MHz)
(A)
(A)
CTDO5022P_-781HC
0.78
100
2.6
156
30
15
CTDO5022P_-152HC
1.5
100
4.0
100
25
15
CTDO5022P_-222HC
2.2
100
6.1
75
20
12
CTDO5022P_-332HC
3.3
100
8.6
60
17
10
CTDO5022P_-392HC
3.9
100
10
55
15
9.0
CTDO5022P_-472HC
4.7
100
14
40
13
8.4
CTDO5022P_-602HC
6.0
100
17
35
12
7.5
CTDO5022P_-782HC
7.8
100
18
35
11
7.5
CTDO5022P_-103HC
10
100
26
28
10
6.0
CTDO5022P_-153HC
15
100
32
20
8.0
4.4
CTDO5022HC Series
From 0.78 µH to 15 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (high current) power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops.
Operating Temperature: -40°C to +85°C
∆∆T: 40°C typically at Irms.
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat.
Testing: Inductance is tested on an HP4285A at 100 kHz.
Packaging: Tape & Reel.
Marking: Color dots OR Inductance code.
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CTDO5022P-103HC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO5022P-103 CT-CTDO5022P-103 Datasheet
179Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO5022P-103HC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com