Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79516-1041 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 79516-1041
Description  Micro-Fit 3.0??Overmolded Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

79516-1041 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  79516-1041 Datasheet HTML 1Page - Molex Electronics Ltd. 79516-1041 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
3.00mm (.118”) Pitch
Micro-Fit 3.0™
Overmolded Cable Assemblies
79516
I Computer
- Servers
- Fan tray assemblies
I Medical
I Other Markets
- Gamming and vending
- Power supplies (computer, laptop, etc.)
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/pcb/microfit/oca.html
Order No. USA-313
Printed in USA/2.5K/JI/JI/2005.05
©2005 Molex
ORDERING INFORMATION
Double-ended Dual-Row Cable Assemblies
Order No.
Circuit
Cable Length (meter)
79516-1021
2
1
79516-1023
3
79516-1025
5
79516-1041
4
1
79516-1043
3
79516-1045
5
79516-1061
6
1
79516-1063
3
79516-1065
5
79516-1101
10
1
79516-1103
3
79516-1105
5


Similar Part No. - 79516-1041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79516-1041 MOLEX9-79516-1041 Datasheet
93Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 4 Circuit, 1.0m (3.28) Length
More results

Similar Description - 79516-1041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2451320430 MOLEX-2451320430_V01 Datasheet
47Kb / 2P
   Micro-fit 3.0-to-Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Micro-fit 3.0-to-Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual
2451320820 MOLEX1-2451320820 Datasheet
45Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320450 MOLEX1-2451320450 Datasheet
47Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320499 MOLEX1-2451320499 Datasheet
44Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451321099 MOLEX1-2451321099 Datasheet
46Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320805 MOLEX1-2451320805 Datasheet
45Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320210 MOLEX1-2451320210 Datasheet
45Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320299 MOLEX1-2451320299 Datasheet
41Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320420 MOLEX1-2451320420 Datasheet
47Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
2451320430 MOLEX1-2451320430 Datasheet
47Kb / 1P
   Micro-Fit 3.0 to Micro-Fit 3.0 Off-the-Shelf (OTS) Overmolded Cable Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com