Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74740-0001 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 74740-0001
Description  1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74740-0001 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 74740-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 4Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 5Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 6Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 7Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 8Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 9Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 10Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1000Base-T RJ-45 Gigabit
Ethernet GBIC Copper
Transceiver
GBIC HOST CONNECTOR PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
PIN 1
RX_LOS
Receiver Loss of Signal, logic high, open collector compatible, 4.7 K to 10 K Ohm pull-up to V
DDT on
host. See part number chart for details.
PIN 2
RGND
Receiver Ground
PIN 3
RGND
Receiver Ground
PIN 4
MOD_DEF(0)
GBIC module definition and presence, 4.7 K to 10 K Ohm pull-up to V
DDT on host
PIN 5
MOD_DEF(1)
Signal SCL (Clock) of the 2-w ire serial ID interface, 4.7 K to 10 K Ohm pull- up to V
DDT on host,
100KHz maximum clock rate.
PIN 6
MOD_DEF(2)
Signal SDA (Data) of the 2-w ire serial ID interface, 4.7 K to 10 K Ohm pull- up to V
DDT on host
PIN 7
TX_DISABLE
TX_DISABLE is not implemented. Transmitter Disable, logic high, open collector compatible, 4.7 K to
10 K Ohm pull-up to V
DDT on GBIC.
PIN 8
TGND
Transmitter Ground
PIN 9
TGND
Transmitter Ground
PIN 10
TX_FAULT
Transmitter Fault, logic high, open collector compatible, 4.7 K to 10 K Oh pull-up to V
DDT on host.
Not implemented on the RJ-45 GBIC
PIN 11
RGND
Receiver Ground
PIN 12
RX_DATA (-)
Receive Data, differential AC coupled
PIN 13
RX_DATA (+)
Receive Data, differential AC coupled
PIN 14
RGND
Receiver Ground
PIN 15
V
DDR
Receiver Supply +5.0 Volts
PIN 16
V
DDT
Transmitter Supply +5.0 Volts
PIN 17
TGND
Transmitter Ground
PIN 18
TX_DATA (+)
Transmit Data, differential AC coupled
PIN 19
TX_DATA (-)
Transmit Data, differential AC coupled
PIN 20
TGND
Transmitter Ground


Similar Part No. - 74740-0001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7474 FAIRCHILD-7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0001 MOLEX-74741-0001 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0002 MOLEX-74741-0002 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
More results

Similar Description - 74740-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74741 MOLEX-74741_04 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCM-8520-3 FINISAR-FCM-8520-3 Datasheet
165Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520-3 FINISAR-FCL-8520-3 Datasheet
151Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520 FINISAR-FCL-8520 Datasheet
156Kb / 7P
   1000BASE-T Copper GBIC Transceivers
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com