Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDR1F-121K Datasheet(PDF) 1 Page - Central Technologies

Part # CTDR1F-121K
Description  Drum Cores - Radial Leaded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDR1F-121K Datasheet(HTML) 1 Page - Central Technologies

  CTDR1F-121K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Drum Cores - Radial Leaded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.20.05
Size
A
B
C
D
E
Max.
Max.
Typ.
Typ.
mm
22.0
17.0
15±2
3.0
12
inches
0.87
0.67
0.59±0.08
0.12
0.47
PHYSICAL DIMENSIONS
A
B
D
E
C
SPECIFICATIONS
Part numbers indicate available tolerance.
K = ±10%, M = ±20%
CTDR1F Please specify “F” for RoHS compliant.
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω)
(A)
CTDR1_-1R0M
1.0
1.0
.003
9.0
CTDR1_-1R2M
1.2
1.0
.003
9.0
CTDR1_-1R5M
1.5
1.0
.004
9.0
CTDR1_-1R8M
1.8
1.0
.004
9.0
CTDR1_-2R2M
2.2
1.0
.005
9.0
CTDR1_-2R7M
2.7
1.0
.005
9.0
CTDR1_-3R3M
3.3
1.0
.005
9.0
CTDR1_-3R9M
3.9
1.0
.006
9.0
CTDR1_-4R7M
4.7
1.0
.007
9.0
CTDR1_-5R6M
5.6
1.0
.007
9.0
CTDR1_-6R8M
6.8
1.0
.008
9.0
CTDR1_-8R2M
8.2
1.0
.009
9.0
CTDR1_-100M
10
1.0
.010
9.0
CTDR1_-120K
12
1.0
.011
9.0
CTDR1_-150K
15
1.0
.015
7.2
CTDR1_-180K
18
1.0
.016
7.2
CTDR1_-220K
22
1.0
.025
5.5
CTDR1_-270K
27
1.0
.030
4.5
CTDR1_-330K
33
1.0
.040
4.0
CTDR1_-390K
39
1.0
.046
4.0
CTDR1_-470K
47
1.0
.062
2.8
CTDR1_-560K
56
1.0
.069
2.8
CTDR1_-680K
68
1.0
.077
2.8
CTDR1_-820K
82
1.0
.083
2.8
CTDR1_-101K
100
1.0
.095
2.8
CTDR1_-121K
120
1.0
.127
2.0
CTDR1_-151K
150
1.0
.181
1.6
CTDR1_-181K
180
1.0
.217
1.6
CTDR1_-221K
220
1.0
.240
1.6
CTDR1_-271K
270
1.0
.300
1.6
CTDR1_-331K
330
1.0
.336
1.3
CTDR1_-391K
390
1.0
.460
1.0
CTDR1_-471K
470
1.0
.636
0.8
CTDR1_-561K
560
1.0
.696
0.8
CTDR1 Series
From 1.0 µH to 560 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded drum core inductor
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters
Operating Temperature: -25°C to +85°C
Temperature Rise: 50°C Max. at IDC
IDC: Current at which inductance drops 10% Max.
Inductance Tolerance: ±10%, 20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz, 1V
Packaging: Bulk pack
Sleeving: Coils finished with UL-VW-1 sleeving
Mounting: Center hole furnished for mechanical mounting
Miscellaneous: RoHS Compliant available. Non-standard
tolerances and other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
Available


Similar Part No. - CTDR1F-121K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR1F-121K CT-CTDR1F-121K Datasheet
115Kb / 1P
   Drum Cores - Radial Leaded
More results

Similar Description - CTDR1F-121K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR1F CT-CTDR1F Datasheet
115Kb / 1P
   Drum Cores - Radial Leaded
CTDR2F CT-CTDR2F Datasheet
120Kb / 1P
   Drum Cores - Radial Leaded
CTDR2 CT-CTDR2 Datasheet
156Kb / 1P
   Drum Cores - Radial Leaded
CTDR3F CT-CTDR3F Datasheet
213Kb / 1P
   Drum Cores - Radial Leaded
CTDR4F CT-CTDR4F Datasheet
199Kb / 1P
   Drum Cores - Radial Leaded
CTDR3 CT-CTDR3 Datasheet
188Kb / 1P
   Drum Cores - Radial Leaded
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
   Drum Cores - Radial
CTRL5480F-5 CT-CTRL5480F-5 Datasheet
342Kb / 1P
   Drum Cores - Radial
CTDR5F CT-CTDR5F Datasheet
141Kb / 1P
   Drum Core Inductors - Radial Leaded
CTDR6F CT-CTDR6F Datasheet
143Kb / 1P
   Drum Core Inductors - Radial Leaded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com