Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44560-0003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44560-0003
Description  Right Angle Compact Profile Single and Ganged
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44560-0003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44560-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 44560-0003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Modular Jacks
Category 5e
44661, 44560
Right Angle Compact Profile
Single and Ganged
Compact PCI Board
Network Server
PMC Mezzanine Card
Ethernet Switch
Applications
Applications for the compact modular jack include
notebook computers, networking and communications
equipment that require Category 5 or 5e connection
reliability:
s
Network Servers
s
Ethernet Switches
s
Network Interface Cards
s
Bridges
s
Routers
s
Premise Wiring
s
Communications Equipment
ORDERING INFORMATION
Circuits
Loaded Contacts
Number of Ports
PCB Retention
Order Number
Unshielded
Shielded
No Ground Tabs
Enhanced Ground Tabs
Bezel Ground Tabs
88
1
Snap-Fit Peg
44661-0002
44661-0001
44661-0011
44661-0021
Press-Fit Peg
44661-1002
44661-1001
44661-1011
44661-1021
2
Snap-Fit Peg
44560-0001
44560-0002
44560-0012
44560-0022
4
Snap-Fit Peg
44560-0003
44560-0004
44560-0014
44560-0024
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-6-268-6868
Fax:65-6-265-2985
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Visit our Web site at http://www.molex.com/cat5.html
Order No. USA-171
Printed in USA/5K/JI/JI/02.05
©
2002, Molex


Similar Part No. - 44560-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44560-0001 MOLEX6-44560-0001 Datasheet
502Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
More results

Similar Description - 44560-0003

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-23A-EN-TR ECS-ECS-160-20-23A-EN-TR Datasheet
203Kb / 1P
   Compact and low profile
logo
Adam Technologies, Inc.
2PCI--B22-F-110-2-1 ADAM-TECH-2PCI--B22-F-110-2-1 Datasheet
209Kb / 1P
   COMPACT 110 POSITION RIGHT ANGLE
2PCI--A-F-110-2-1 ADAM-TECH-2PCI--A-F-110-2-1 Datasheet
220Kb / 1P
   COMPACT 110 POSITION RIGHT ANGLE
RCA-4 ADAM-TECH-RCA-4 Datasheet
123Kb / 1P
   RCA JACKS SINGLE & GANGED
logo
Abracon Corporation
APAE1590R2540AKDB1-T ABRACON-APAE1590R2540AKDB1-T Datasheet
2Mb / 3P
   Compact Size and Low Profile
08.20.15
APAE1575R2540AADBE-T ABRACON-APAE1575R2540AADBE-T Datasheet
2Mb / 3P
   Compact Size and Low Profile
11.13.14
logo
Molex Electronics Ltd.
0746421004 MOLEX8-0746421004 Datasheet
527Kb / 6P
   6.25mm (.246") Pitch Ganged RF Receptacle, Right Angle, 2 Circuits
0746421002 MOLEX8-0746421002 Datasheet
528Kb / 6P
   6.25mm (.246") Pitch Ganged RF Receptacle, Right Angle, 4 Circuits
0746420002 MOLEX8-0746420002 Datasheet
528Kb / 6P
   6.25mm (.246") Pitch Ganged RF Receptacle, Right Angle, 2 Circuits
0746421005 MOLEX8-0746421005 Datasheet
528Kb / 6P
   6.25mm (.246") Pitch Ganged RF Receptacle, Right Angle, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com