Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79527-5001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 79527-5001
Description  SFP Cage Assemblies Multi-Port Stacked with SlimStack??Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

79527-5001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  79527-5001 Datasheet HTML 1Page - Molex Electronics Ltd. 79527-5001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
SFP Cage Assemblies
Multi-Port Stacked with
SlimStack™ Connectors
79527
These SFP Multi-Port Stacked Cage Assemblies from
Molex provide a simplified one-piece solution to meet
customer requirements for high-density SFP module
spacing. Available products support up to 4.25Gbps
data rates with power-filtering circuitry. Standard
versions feature an elastomeric gasket that reduces
insertion force into the I/O panel while ensuring a
reliable EMI seal. These assemblies feature the Molex
Board-to-Board SlimStack connector to maintain signal
transmission speeds and minimize costs. Circuit
components have been designed into the assemblies to
optimize electrical performance.
The product offering consists of standard and
customized assemblies, tailored to suit customers'
applications:
Standard Products - begin with two versions which
utilize two 1-by-4 SFP cages (series 73927) installed
belly-to-belly using one spacer board. The interface to
the host board is achieved with a 0.635mm (.025”)
SlimStack connector.
Styles include an original SFP-chassis style or a version
compliant with the ATCA* (Advanced Telecom
Computing Architecture) standard, the difference
specified by the height of the interface connector. The
ATCA version uses a 7.00mm (.276”) height while the
standard version uses a 10.00mm (.394”) height
connector.
Customized Products - include different configurations
of SFP cages, along with the addition of power filtering
components on the spacer board, customized
mechanical outlines or the options of pre-installed
LEDs and light pipes.
Reference Information
Packaging: Box
Mates With: 73929 Copper Patch Cable,
74720 HSSDC2 Copper Pluggable Module and
industry-standard optical SFP modules
Used With: 0.635mm (.025”) SlimStack Connector Plug
on host PCB
Designed In: Millimeters
Electrical - SFP Connector (74441)
Voltage: 30V
Current: 0.5A
Contact Resistance: 10m max.
Dielectric Withstanding Voltage: 300VAC
Insulation Resistance: 100M min.
Electrical - 0.635mm (.025”) SlimStack
Receptacle
Voltage: 100V
Current: 0.5A
Contact Resistance: 40m max.
Dielectric Withstanding Voltage: 250V AC
Insulation Resistance: 1000M
min.
Mechanical
SFP Connector contact retention to Housing:
4.4N (1.0 lb)
Mating Force: 22N (5.0 lb)
Unmating Force: 8.8N (2.0 lb)
Normal Force: 0.8N (80g)
Durability: 200 cycles
Physical - SFP Connector (74441)
Housing: High-temperature thermoplastic
Contact: Copper Alloy
Plating: Contact Area - 0.38µm min. Gold
Solder Tail Area - Gold flash or 2.54µm Tin/Lead
Underplating - 2.54µm Nickel
Physical - 0.635mm (.025”) SlimStack
Receptacle
Housing: White Glass Filled LCP, UL 94V-0
Contact: Copper Alloy
Plating: Gold over Nickel
Operating Temperature: -55 to +85°C
Physical - Multi-Port Stacked SFP Cage
(79527)
Housing: Nickel-Silver alloy
PCB Thickness: 3.00mm (.118”) min. for single-sided
PCB, 3.81mm (.150”) min. for double-sided PCB
Operating Temperature: -55 to +85° C
Features and Benefits
I
Single-piece board-to-board assembly provides easy
installation and facilitates ordering and
inventorying of components
I
High-speed electrical performance tested to 2.5Gbps
and 4.25Gbps supports high-speed networking and
data exchange equipment
I
Individual electrical customization provides added
board components for power filtering, enhanced
electrical performance and added LEDs and
lightpipes
I
Mechanical customization allows board size to fit
customer dimensions and shape and reduces lead
time for modification and design changes
Customized and Standard Small Form-factor Pluggable (SFP) Multi-Port Stacked Cage Assemblies
with SlimStack Connectors Provide One-Piece Convenience and Superior Electrical Performance
Custom SFP Multi-Port Stacked Assembly
Host PCB Side Up with SlimStack Connector
SFP Multi-Port Stacked Assembly
Standard Form Factor Chassis


Similar Part No. - 79527-5001

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
79527141 WURTH-79527141 Datasheet
343Kb / 5P
   WA-BCPH Battery Holder
001.003
More results

Similar Description - 79527-5001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75310-0001 MOLEX-75310-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
0622030155 MOLEX11-0622030155 Datasheet
32Kb / 1P
   2-by-6 SFP Stacked Multi-Port Insertion Tool
0622030150 MOLEX-0622030150 Datasheet
38Kb / 3P
   2-by-4 SFP Stacked Multi-Port Insertion Tool
02/27/2021
0622030155 MOLEX-0622030155 Datasheet
39Kb / 3P
   2-by-6 SFP Stacked Multi-Port Insertion Tool
02/27/2021
logo
Amphenol Corporation
P-UE78-B1126 AMPHENOL-P-UE78-B1126 Datasheet
183Kb / 4P
   SFP STACKED COMBO WITH PRESS FIT PINS CONNECTOR AND CAGE)
logo
Molex Electronics Ltd.
0622030150 MOLEX11-0622030150 Datasheet
30Kb / 1P
   2-by-4 SFP Stacked Multi-Port Insertion Tool
logo
Pulse A Technitrol Comp...
SFP0-3047-L PULSE-SFP0-3047-L Datasheet
175Kb / 3P
   SFP 2 BY 1 CAGE CONNECTORS
logo
Tyco Electronics
6367035-1 MACOM-6367035-1 Datasheet
100Kb / 1P
   CAGE, TOP SFP
logo
Pulse A Technitrol Comp...
SFPCAGE006-L PULSE-SFPCAGE006-L Datasheet
410Kb / 3P
   SFP CAGE 1BY10
logo
Molex Electronics Ltd.
62202-9744 MOLEX11-62202-9744 Datasheet
35Kb / 1P
   SFP Multi-Port Insertion Tool
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com