Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCU04ADR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCU04ADR
Description  SN74LVCR2245A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCU04ADR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCU04ADR Datasheet HTML 3Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 4Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 5Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 6Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 7Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 8Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 9Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 10Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Aug-2005
Addendum-Page 2


Similar Part No. - SN74LVCU04ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCU04ADR TI-SN74LVCU04ADR Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ADRE4 TI-SN74LVCU04ADRE4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ADRG4 TI-SN74LVCU04ADRG4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com