Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDS1608C-334 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDS1608C-334
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDS1608C-334 Datasheet(HTML) 1 Page - Central Technologies

  CTDS1608C-334 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
L Test
Q
Q Test
DCR
IDC
SRF
Part
Inductance
Freq.
Fact.
Freq.
Max.
Max.
Typ.
Number
(µH ±20%)
(kHz)
Min.
(kHz)
(
Ω)
(A)
(MHz)
CTDS1608C_-102
1.0
100
30
200
.040
3.0
250
CTDS1608C_-152
1.5
100
30
200
.045
2.8
125
CTDS1608C_-222
2.2
100
40
200
.050
1.8
120
CTDS1608C_-332
3.3
100
40
200
.055
1.6
120
CTDS1608C_-472
4.7
100
40
200
.060
1.4
105
CTDS1608C_-682
6.8
100
40
200
.065
1.2
50
CTDS1608C_-103
10
100
40
200
.075
1.0
38
CTDS1608C_-153
15
100
40
100
.090
0.8
33
CTDS1608C_-223
22
100
40
100
.110
0.7
25
CTDS1608C_-333
33
100
40
100
.190
0.6
20
CTDS1608C_-473
47
100
40
100
.230
0.5
20
CTDS1608C_-683
68
100
40
100
.290
0.4
15
CTDS1608C_-104
100
100
40
100
.480
0.3
10
CTDS1608C_-154
150
100
40
100
.590
.26
9
CTDS1608C_-224
220
100
40
100
.770
.22
6
CTDS1608C_-334
330
100
40
100
1.4
.20
5
CTDS1608C_-474
470
100
40
100
1.8
.19
4
CTDS1608C_-684
680
100
40
100
2.2
.18
3
CTDS1608C_-105
1000
100
40
100
3.4
.15
2
CTDS1608C_-155
1500
100
50
100
4.2
.12
2
CTDS1608C_-225
2200
100
50
100
8.5
.10
2
CTDS1608C_-335
3300
100
50
100
11.0
.08
1
CTDS1608C_-475
4700
100
50
100
13.9
.06
1
CTDS1608C_-685
6800
100
50
100
25.0
.04
1
CTDS1608C_-825
8200
100
50
100
30.5
.02
1
CTDS1608C_-106
10000
100
50
100
32.8
.02
0.8
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDS1608CF Please specify “F” for RoHS Compliant
CTDS1608 Series
From 1.0 µH to 10,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: DC/DC converters, computers, LCD displays and
telecommunication equipment. Can help achieve significantly
longer battery life in hand held communication devices and other
portable products
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance and Q are tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
6.6
4.45
2.92
1.02
1.27
4.32
3.05
inches
0.26
0.18
0.12
0.04
0.05
0.17
0.1
A
B
1st significant digit
2nd significant digit
Ind. Code
3rd significant digit
C
D
E
G
F
Parts will be marked with
Significant Digit Dots OR Inductance Code
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTDS1608C-334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CTDS1608C-153 TI-CTDS1608C-153 Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
More results

Similar Description - CTDS1608C-334

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com