Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86085-0000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86085-0000
Description  Optical Break-Out Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86085-0000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86085-0000 Datasheet HTML 1Page - Molex Electronics Ltd. 86085-0000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
Optical Break-Out
Cable Assemblies
Molex is a leader in providing innovative break-out
cable assemblies to meet the high density
requirements of the telecommunication and
datacommunication industry. The extensive line of
break-out boxes, break-out tubes and MTP* break-out
assemblies provides customers the flexibility to select
the best transition method to meet their specific
application while optimizing real-estate space savings.
Version 1: Break-out boxes and tubes
Break-out boxes and tubes are the traditional method
that allows a spliceless transition between ribbon fiber
and discrete fibers. The break-out box ensures optical
integrity without the use of bulky splice sleeves.
Version 2: MTP break-out connector
The MTP break-out connector eliminates the use of
break-out boxes or tubes, resulting in valuable card
space savings. The break-out from ribbon fiber to
discrete fiber occurs in the crimp area of the standard
MTP connector, providing additional flexibility when
routing discrete fibers on the line card.
Both versions of break-out assemblies provides up to
80% space savings on the front-panel and can reduce
the system costs by up to 25%. For example, up to 12
Small Form-factor (SFF) transceivers mounted on a
line card can transition to a single MTP connector
mounted on the front panel, versus transitioning to 24
LC connectors or 12 duplex LC connectors.
Molex’s extensive line of spliceless single fiber and
ribbon fiber cable assemblies provides numerous
design options. Break-outs to single-fiber leads
terminated with industry standard LC, MU, FC, SC and
ST connectors are available to connect with the current
installed base of transmitters, receivers and patch
panels. Break-outs to ribbon fiber leads terminated
to MTP, HBMT™ and BMTP™ connectors provide high-
density panel mount and backplane solutions.
Reference Information
Packaging: Custom per assembly
Specifications: MTP connector break-out assemblies
and 900µm MT based break-out box and tube
assemblies meet GR-2866 CORE specifications
Optical
Insertion Loss (IL):
Dependent upon connector choice
Reference the respective single-fiber or ribbon-fiber
connector data sheet
Mechanical
Operating Temperature: -5 to +70°C
Physical
Dependent on break-out construction
Features and Benefits
Break-out boxes sized to fiber count ensures
minimal size to reduce real estate required for
mounting
Flat or round break-out transition systems allow
multiple mounting options
900µm Hytrel
discrete fiber leads are ideal for
board-level use where minimal size and ease-of-
routing are critical
1. 60mm to 3.00mm up-jacketed leads available
with Kevlarare ideal for system interconnect where
ruggedized leads are required
24-Fiber break-out box to various
single-fiber connectors
MTP-to-LC break-out assembly
Achieve up to 80% front panel space savings with multiple break-out cable assembly options
MTP break-out connector with 900µm tubing
*MTP is a registered trademark of US Conec Ltd.
† ‡ Hytrel and Kevlar are registered trademarks of DuPont


Similar Part No. - 86085-0000

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8608 GILWAY-8608 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
Filtran LTD
8608 FILTRAN-8608 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8608 ETC2-8608 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8608 APITECH-8608 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
TEKTRONIX, INC.
8608 TEKTRONIX-8608 Datasheet
2Mb / 16P
   2461-EC Graphical Potentiostat
More results

Similar Description - 86085-0000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86389-0001 MOLEX-86389-0001 Datasheet
346Kb / 2P
   Optical Military Cable Assemblies
106284-0001 MOLEX-106284-0001 Datasheet
832Kb / 2P
   CXP Optical Cable Assemblies
106059-0100 MOLEX-106059-0100 Datasheet
962Kb / 6P
   Optical Industrial Cable Assemblies and Adapters
86282-4817 MOLEX-86282-4817 Datasheet
213Kb / 2P
   MTP* Optical Round Ribbon Cable Assemblies
86059-0100 MOLEX-86059-0100 Datasheet
317Kb / 2P
   Optical Industrial Cable Assemblies and Adapters
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com