Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCU04ADBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCU04ADBR
Description  SN74LVCR2245A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCU04ADBR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCU04ADBR Datasheet HTML 1Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 2Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 3Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 4Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 5Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 6Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 7Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 8Page - Texas Instruments SN74LVCU04ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
DESCRIPTION/ORDERING INFORMATION
SN74LVCU04A
HEX INVERTER
SCAS282M – JANUARY 1993 – REVISED FEBRUARY 2005
Operates From 1.65 V to 3.6 V
Inputs Accept Voltages to 5.5 V
Max tpd of 3.8 ns
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
Inputs Accept Voltages to 5.5 V
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This hex inverter is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVCU04A contains six independent inverters with unbuffered outputs and performs the Boolean
function Y = A.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 50
SN74LVCU04AD
SOIC – D
Reel of 2500
SN74LVCU04ADR
LVCU04A
Reel of 250
SN74LVCU04ADT
SOP – NS
Reel of 2000
SN74LVCU04ANSR
LVCU04A
–40
°C to 85°C SSOP – DB
Reel of 2000
SN74LVCU04ADBR
LCU04A
Tube of 90
SN74LVCU04APW
TSSOP – PW
Reel of 2000
SN74LVCU04APWR
LCU04A
Reel of 250
SN74LVCU04APWT
TVSOP – DGV
Reel of 2000
SN74LVCU04ADGVR
LCU04A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVCU04ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCU04ADBR TI-SN74LVCU04ADBR Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ADBRE4 TI-SN74LVCU04ADBRE4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ADBRG4 TI-SN74LVCU04ADBRG4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com