Electronic Components Datasheet Search |
|
CTDR3-1R2M Datasheet(PDF) 1 Page - Central Technologies |
|
CTDR3-1R2M Datasheet(HTML) 1 Page - Central Technologies |
|
1 / 1 page Drum Cores - Radial Leaded ctparts.com Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL 08.25.06 Size A B C D E Max. Max. Typ. mm 22.0 28 15±2 4.0 22.0 inches 0.87 1.1 0.59±0.08 0.16 0.87 PHYSICAL DIMENSIONS A C B D E SPECIFICATIONS Parts numbers indicate available tolerance. K = ±10%, M = ±20% CTDR3F Please specify “F” for RoHS compliant. L Test DCR IDC Part Inductance Freq. Max. Max. Number (µH) (kHz) ( Ω Ω) (A) CTDR3_-1R0M 1.0 1.0 .003 21 CTDR3_-1R2M 1.2 1.0 .003 21 CTDR3_-1R5M 1.5 1.0 .003 21 CTDR3_-2R2M 2.2 1.0 .003 21 CTDR3_-2R7M 2.7 1.0 .003 21 CTDR3_-3R3M 3.3 1.0 .003 21 CTDR3_-3R9M 3.9 1.0 .003 21 CTDR3_-4R7M 4.7 1.0 .003 21 CTDR3_-5R6M 5.6 1.0 .003 21 CTDR3_-6R8M 6.8 1.0 .004 21 CTDR3_-8R2M 8.2 1.0 .004 21 CTDR3_-100M 10 1.0 .006 17 CTDR3_-120K 12 1.0 .008 13.5 CTDR3_-150K 15 1.0 .009 13.5 CTDR3_-180K 18 1.0 .010 13.5 CTDR3_-220K 22 1.0 .011 13.5 CTDR3_-270K 27 1.0 .012 13.5 CTDR3_-330K 33 1.0 .017 13.5 CTDR3_-390K 39 1.0 .022 11.4 CTDR3_-470K 47 1.0 .024 9.0 CTDR3_-560K 56 1.0 .026 9.0 CTDR3_-680K 68 1.0 .029 9.0 CTDR3_-820K 82 1.0 .032 9.0 CTDR3_-101K 100 1.0 .034 9.0 CTDR3_-121K 120 1.0 .046 7.2 CTDR3_-151K 150 1.0 .064 5.5 CTDR3_-181K 180 1.0 .072 5.5 CTDR3_-221K 220 1.0 .080 5.5 CTDR3_-271K 270 1.0 .110 4.5 CTDR3_-331K 330 1.0 .122 4.5 CTDR3_-391K 390 1.0 .169 4.0 CTDR3_-471K 470 1.0 .187 4.0 CTDR3_-561K 560 1.0 .205 4.0 CTDR3_-681K 680 1.0 .256 2.8 CTDR3_-821K 820 1.0 .288 2.8 CTDR3_-102K 1000 1.0 .426 2.0 CTDR3_-122K 1200 1.0 .462 2.0 CTDR3_-152K 1500 1.0 .518 2.0 CTDR3_-182K 1800 1.0 .705 1.6 CTDR3_-222K 2200 1.0 1.02 1.3 CTDR3_-272K 2700 1.0 1.14 1.3 CTDR3_-332K 3300 1.0 1.27 1.3 CTDR3_-392K 3900 1.0 1.67 1.0 CTDR3_-472K 4700 1.0 1.86 1.0 CTDR3 Series From 1.0 µH to 4,700 µH Not shown at actual size. CHARACTERISTICS Description: Radial leaded drum core inductor Applications: Used in switching regulators, power amplifiers, power supplies, SCR and Triac controls, speaker crossover networks, RFI suppression and filters Operating Temperature: -25°C to +85°C Temperature Rise: 50°C Max. at IDC IDC: Current at which inductance drops 10% Max. Inductance Tolerance: ±10%, ±20% Testing: Inductance is tested on an HP4284A at 1.0 kHz Packaging: Bulk pack Sleeving: Coils finished with UL-VW-1 sleeving Mounting: Center hole furnished for mechanical mounting Miscellaneous: RoHS Compliant available. Non-standard tolerances and other values available. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. RoHS Compliant Available |
Similar Part No. - CTDR3-1R2M |
|
Similar Description - CTDR3-1R2M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |