Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86000-0062 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86000-0062
Description  Optical Break-Out Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86000-0062 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86000-0062 Datasheet HTML 1Page - Molex Electronics Ltd. 86000-0062 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Optical Break-Out
Cable Assemblies
Telecommunication Equipment
- Hubs
- Servers
Datacommunication Equipment
- Line cards
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/fiber/breakout_cable.html
Order No. USA-290
Printed in USA/JI/2005.04
©2005 Molex
ORDERING INFORMATION
BREAK-OUT VERSIONS
Notes:
-The information above is for provided for reference only.
-Molex does not sell break-out box components as individual components; they are only sold as part of a terminated jumper or pigtail.
8-Fiber MTP
assembly broken
out to 8 LC
connectors through
a tube
Order No.
Break-Out Component
No. of Fibers
Ribbon Type
Transition Design
Discrete Fiber Furcation
Tube
Dimensions W x L x H (mm)
or
Diameter (Ø) x L(mm)
86085-0000
MTP Connector
4 to 12
-
MPO
900µm
10.00 x 33.00 x 5.70
86000-0061
Standard Box
Bare
Flat Stackable
16.00 x 55.00 x 5.00
86000-0060
Flat without Stacking Tabs
16.00 x 55.00 x 5.00
86000-0062
Jacketed Box
Jacketed
Flat
18.00 x 52.00 x 7.00
86000-0064
Tube
Bare or Jacketed
Round Tube
Ø 7.60 x 22.00
86000-0065
Jacketed
1.60 or 2.00mm
Ø 6.60 to Ø10.70 x 70.00
86000-0065
3.00mm
Ø9.00 to Ø14.70 x 70.00
86000-0065
13 to 24
1.60mm
Ø12.00 x 70.00
86000-0065
2.00mm
Ø15.00 x 70.00
86000-0063
24-Fiber Box
24
Flat
900µm or 1.60mm
28.00 x 61.00 x 8.00
10
.39
33
1.30
Bare-Ribbon Break-Out Box
Bare-Ribbon Break-Out Tube
MTP Break-Out Connector


Similar Part No. - 86000-0062

ManufacturerPart #DatasheetDescription
logo
Littelfuse
86000001009 LITTELFUSE-86000001009 Datasheet
536Kb / 2P
   860/862 Series Enclosed Fuseholders for 5횞20mm and 6.2x32mm Fuses
Revised: 05/17/21
More results

Similar Description - 86000-0062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86389-0001 MOLEX-86389-0001 Datasheet
346Kb / 2P
   Optical Military Cable Assemblies
106284-0001 MOLEX-106284-0001 Datasheet
832Kb / 2P
   CXP Optical Cable Assemblies
106059-0100 MOLEX-106059-0100 Datasheet
962Kb / 6P
   Optical Industrial Cable Assemblies and Adapters
86282-4817 MOLEX-86282-4817 Datasheet
213Kb / 2P
   MTP* Optical Round Ribbon Cable Assemblies
86059-0100 MOLEX-86059-0100 Datasheet
317Kb / 2P
   Optical Industrial Cable Assemblies and Adapters
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com