Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84702-0006 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 84702-0006
Description  RJ-45 EtherNet/IP* Overmolded Cordsets, IDT and PCB Receptacles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

84702-0006 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  84702-0006 Datasheet HTML 1Page - Molex Electronics Ltd. 84702-0006 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
RJ-45 EtherNet/IP*
Overmolded Cordsets,
IDT and PCB Receptacles
84702
I
Industrial Environment
- Food and beverage
- Automotive
- Chemical
- Other continuous and batch processes
I
Water Treatment Plants
- Waste water
- Municipal drinking water
I
Transportation Hubs
- Airports
- Bus stations
- Rail stations
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/io/rj45ethernet.html
Order No. USA-271
Printed in USA/2.5K/JI/JI/2004.10
©2004, Molex
ORDERING INFORMATION
**Last three digits represent the length of cable in feet. For example: 84702-1020 is a 20’ cordset.
Order No.
Description
84702-0005
Ethernet/IP, RJ-45, PCB Mount Receptacle
84702-0007
Ethernet/IP, RJ-45, PCB Mount Receptacle Jack, Potted Sealed Backend
84702-0006
Ethernet/IP, RJ-45, Punchdown Panel Mount Receptacle Jack
84702-0008
Ethernet/IP, RJ-45, Punchdown Panel Mount Receptacle Jack, Potted Sealed Backend
Order No.
Description
84702-1020
Ethernet/IP Plug, RJ-45 Double Ended Bayonet Style Cable, 6.10m (20’)
84702-1XXX**
Ethernet/IP Plug, RJ-45 Double Ended Bayonet Style Cable
84702-2XXX**
Ethernet/IP Plug, RJ-45 Double Ended Bayonet Style Cable to RJ-45 Plug
84702-3XXX**
Ethernet/IP Plug, RJ-45 Single Ended Bayonet Style Cable to RJ-45 Plug


Similar Part No. - 84702-0006

ManufacturerPart #DatasheetDescription
logo
MolexKits
84702-0006 MOLEXKITS-84702-0006 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
84702-0006 MOLEXKITS-84702-0006 Datasheet
38Kb / 2P
   In-Line, PCB and Panel Mount Receptacle, Plug, Receptacle and Dust cover
More results

Similar Description - 84702-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
84700-0001 MOLEX-84700-0001 Datasheet
164Kb / 2P
   RJ-45 Field Wireable Ethernet Connectors
logo
Glenair, Inc.
800-038 GLENAIR-800-038 Datasheet
133Kb / 1P
   Overmolded Cordsets
logo
Delta Electronics, Inc.
100BASE-TX DELTA-100BASE-TX Datasheet
186Kb / 5P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
List of Unclassifed Man...
RJS-12A08T109A ETC1-RJS-12A08T109A Datasheet
162Kb / 4P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
Glenair, Inc.
800-033-AAK2C5-3 GLENAIR-800-033-AAK2C5-3 Datasheet
91Kb / 2P
   Overmolded Cordsets
800-034 GLENAIR-800-034 Datasheet
133Kb / 1P
   Overmolded Cordsets
logo
Molex Electronics Ltd.
1300550001 MOLEX11-1300550001 Datasheet
32Kb / 1P
   Brad RJ-Lnxx Ethernet Pass-Through RJ-45 Female Receptacle Shielded
logo
List of Unclassifed Man...
HFJV1-2450RL ETC2-HFJV1-2450RL Datasheet
126Kb / 3P
   10BASE-T and 10/100BASE-TX Integrated Ethernet RJ-45 Connectors
logo
PCA ELECTRONICS INC.
EPJ9301-F2 PCA-EPJ9301-F2 Datasheet
68Kb / 1P
   RJ-45 Filter Port Jacks 10/100Base-TX Voice Over IP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com