Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSLR-N505WW4-A0 Datasheet(PDF) 6 Page - China Semiconductor Corporation

Part # CSLR-N505WW4-A0
Description  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N505WW4-A0 Datasheet(HTML) 6 Page - China Semiconductor Corporation

  CSLR-N505WW4-A0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N505WW4-A0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N505WW4-A0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N505WW4-A0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N505WW4-A0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N505WW4-A0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Precautions For Use -
1. Recommended Soldering conditions
Wave Soldering
2. Soldering Iron
Basic SPEC. is ≦5sec. When 260℃. If temperature is higher, time should
be shorter (+10℃→ -1sec.). Power dissipation of iron should be smaller than 15W
, and temperature should be controllable. Surface temperature of the device should
be under 230℃.
3. Static Electricity
a. Static electricity or surge voltage damages LEDs..
It is recommended that a wrist band or an anit-electrostatic glove be used
when handling the LEDs.
b. All devices, equipment and machinery must be properly grounded. It is
recommended that mesures be taken against surge voltage to the equipment
that mounts the LEDs.
Page:
5/5
Note: The specifications are subject to change without notice. Please contact us for updated information.
http://www.csctw.com.tw
PS-LL-N505WW4-A0
A
Model No:
:CSLR-N505WW4-A0
260(max.)
250
240
Time(sec.)
Preheat
105(max.)
0
Max. 60sec.
5 sec.


Similar Part No. - CSLR-N505WW4-A0

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSLR-N505WW4-B0 CHINASEMI-CSLR-N505WW4-B0 Datasheet
278Kb / 6P
   LED
More results

Similar Description - CSLR-N505WW4-A0

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com