Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDT1608CF-683 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDT1608CF-683
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDT1608CF-683 Datasheet(HTML) 1 Page - Central Technologies

  CTDT1608CF-683 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.24.06
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
6.58
4.45
2.92
0.78
1.27
4.80
2.34
inches
0.26
0.18
0.12
0.03
0.05
0.19
0.09
A
1stsignificantdigit
2ndsignificantdigit
3rdsignificantdigit
Ind.Code
Partswillbemarkedwith
SignificantDigitDotsORInductanceCode
B
C
D
E
G
F
PHYSICAL DIMENSIONS
SPECIFICATIONS
OPERATING PARAMETERS
Max.
0 ADC
DCR
Inductance L Test
Current
Energy
Max.
Part
Inductance
Max.
Rating
Freq.
Rating
Storage
Switch
Number
(µH ±20%)
(
ΩΩ
)
(µH)
(kHz)
(A)
(µJoules)
Freq.
CTDT1608C_-102
1.0
.05
.60
100
2.0
1.8
1.0 MHz
CTDT1608C_-152
1.5
.05
.80
100
1.9
1.8
1.0 MHz
CTDT1608C_-222
2.2
.06
.90
100
1.5
1.8
1.0 MHz
CTDT1608C_-332
3.3
.07
1.5
100
1.2
1.4
1.0 MHz
CTDT1608C_-472
4.7
.08
2.0
100
1.2
1.6
1.0 MHz
CTDT1608C_-682
6.8
.09
3.0
100
1.0
1.9
1.0 MHz
CTDT1608C_-103
10
.10
5.0
100
.70
1.2
1.0 MHz
CTDT1608C_-153
15
.14
6.0
100
.60
1.1
1.0 MHz
CTDT1608C_-223
22
.16
10
100
.50
1.2
1.0 MHz
CTDT1608C_-333
33
.28
12
100
.45
1.5
1.0 MHz
CTDT1608C_-473
47
.34
20
100
.34
1.3
1.0 MHz
CTDT1608C_-683
68
.58
30
100
.29
1.4
1.0 MHz
CTDT1608C_-104
100
1.1
40
100
.24
1.5
1.0 MHz
CTDT1608C_-154
150
1.4
60
100
.20
1.4
500 kHz
CTDT1608C_-224
220
2.3
90
100
.17
1.6
500 kHz
CTDT1608C_-334
330
2.9
100
100
.16
1.4
500 kHz
CTDT1608C_-474
470
3.6
150
100
.14
1.5
500 kHz
CTDT1608C_-684
680
4.6
200
100
.12
1.4
500 kHz
CTDT1608C_-105
1000
8.1
400
100
.08
1.4
500 kHz
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDT1608CF Please specify “F” for RoHS Compliant
CTDT1608 Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: DC/DC converters, computers, LCD displays and
telecommunication equipment
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on a HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CTDT1608CF-683

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDT1608F CT-CTDT1608F Datasheet
221Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTDT1608CF-683

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com