Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6481943 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # Q6481943
Description  MX64 Single Row Sealed Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

Q6481943 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  Q6481943 Datasheet HTML 1Page - Molex Electronics Ltd. Q6481943 Datasheet HTML 2Page - Molex Electronics Ltd. Q6481943 Datasheet HTML 3Page - Molex Electronics Ltd. Q6481943 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING INFORMATION
2.54mm (.100”) Pitch
MX64 Single Row
Sealed Connectors
31402, 31403, 31404
Order No.
Description
Color
Terminal System Used
31402-4100
1x4 Polorization A without CPA
Black
GET 34230 Series
31402-4200
1x4 Polorization B without CPA
Gray
GET 34230 Series
31402-4300
1x4 Polorization C without CPA
Brown
GET 34230 Series
31402-4400
1x4 Polorization D without CPA
Green
GET 34230 Series
31402-4110
1x4 Polorization A with CPA
Black
GET 34230 Series
31402-4210
1x4 Polorization B with CPA
Gray
GET 34230 Series
31402-4310
1x4 Polorization C with CPA
Brown
GET 34230 Series
31402-4410
1x4 Polorization D with CPA
Green
GET 34230 Series
31403-4100
1x4 Polorization A without CPA
Black
MX64 33467/33468 Series
31403-4200
1x4 Polorization B without CPA
Gray
MX64 33467/33468 Series
31403-4300
1x4 Polorization C without CPA
Brown
MX64 33467/33468 Series
31403-4400
1x4 Polorization D without CPA
Green
MX64 33467/33468 Series
31403-4110
1x4 Polorization A with CPA
Black
MX64 33467/33468 Series
31403-4210
1x4 Polorization B with CPA
Gray
MX64 33467/33468 Series
31403-4310
1x4 Polorization C with CPA
Brown
MX64 33467/33468 Series
31403-4410
1x4 Polorization D with CPA
Green
MX64 33467/33468 Series
31404-4100
1x4 Polorization A without CPA
Black
Kaizen
31404-4200
1x4 Polorization B without CPA
Gray
Kaizen
31404-4300
1x4 Polorization C without CPA
Brown
Kaizen
31404-4400
1x4 Polorization D without CPA
Green
Kaizen
31404-4110
1x4 Polorization A with CPA
Black
Kaizen
31404-4210
1x4 Polorization B with CPA
Gray
Kaizen
31404-4310
1x4 Polorization C with CPA
Brown
Kaizen
31404-4410
1x4 Polorization D with CPA
Green
Kaizen
Order No.
Description
Color
Terminal System Used
31402-5100
1x5 Polorization A without CPA
Black
GET 34230 Series
31402-5200
1x5 Polorization B without CPA
Gray
GET 34230 Series
31402-5300
1x5 Polorization C without CPA
Brown
GET 34230 Series
31402-5400
1x5 Polorization D without CPA
Green
GET 34230 Series
31402-5110
1x5 Polorization A with CPA
Black
GET 34230 Series
31402-5210
1x5 Polorization B with CPA
Gray
GET 34230 Series
31402-5310
1x5 Polorization C with CPA
Brown
GET 34230 Series
31402-5410
1x5 Polorization D with CPA
Green
GET 34230 Series
31403-5100
1x5 Polorization A without CPA
Black
MX64 33467/33468 Series
31403-5200
1x5 Polorization B without CPA
Gray
MX64 33467/33468 Series
31403-5300
1x5 Polorization C without CPA
Brown
MX64 33467/33468 Series
31403-5400
1x5 Polorization D without CPA
Green
MX64 33467/33468 Series
31403-5110
1x5 Polorization A with CPA
Black
MX64 33467/33468 Series
31403-5210
1x5 Polorization B with CPA
Gray
MX64 33467/33468 Series
31403-5310
1x5 Polorization C with CPA
Brown
MX64 33467/33468 Series
31403-5410
1x5 Polorization D with CPA
Green
MX64 33467/33468 Series
31404-5100
1x5 Polorization A without CPA
Black
Kaizen
31404-5200
1x5 Polorization B without CPA
Gray
Kaizen
31404-5300
1x5 Polorization C without CPA
Brown
Kaizen
31404-5400
1x5 Polorization D without CPA
Green
Kaizen
31404-5110
1x5 Polorization A with CPA
Black
Kaizen
31404-5210
1x5 Polorization B with CPA
Gray
Kaizen
31404-5310
1x5 Polorization C with CPA
Brown
Kaizen
31404-5410
1x5 Polorization D with CPA
Green
Kaizen
1-by-4 Connectors
1-by-5 Connectors


Similar Part No. - Q6481943

ManufacturerPart #DatasheetDescription
logo
Qualiflow Therm
Q646600 QUALIFLOW-Q646600 Datasheet
329Kb / 2P
   Gas Panel Accessories
Q646700 QUALIFLOW-Q646700 Datasheet
329Kb / 2P
   Gas Panel Accessories
More results

Similar Description - Q6481943

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31403-2210 MOLEX11-31403-2210 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-2600 MOLEX11-31403-2600 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3710 MOLEX11-31403-3710 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-3100 MOLEX11-31402-3100 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6110 MOLEX11-31404-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-2710 MOLEX11-31402-2710 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-6110 MOLEX11-31402-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3700 MOLEX11-31403-3700 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-6110 MOLEX11-31403-6110 Datasheet
55Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com