Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTFCF-560K Datasheet(PDF) 1 Page - Central Technologies

Part # CTFCF-560K
Description  Flat Coils - Radial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTFCF-560K Datasheet(HTML) 1 Page - Central Technologies

  CTFCF-560K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flat Coils - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
08.28.08
Size
A
B
C
D
E
24 AWG
Max.
Typ.
Nom.
mm
10.1
8.90 ± 1.30
3.81 ± 0.76
25.4
8.90 ± 1.30
0.5110
inches
0.40
0.35 ± 0.05
0.15 ± 0.03
1.00
0.35 ± 0.05
0.02010
SPECIFICATIONS
Q
DCR
Test
Rated DC
Part
Inductance
Factor
Max.
Freq.
Max.
Number
(µH)
Min.
(
Ω
Ω)
(MHz)
(A)
CTFCF-1R0K
1.0
85
.01
7.9
7.0
CTFCF-1R2K
1.2
39
.01
7.9
6.0
CTFCF-1R5K
1.5
33
.01
7.9
5.0
CTFCF-1R8K
1.8
37
.02
7.9
4.8
CTFCF-2R2K
2.2
38
.02
7.9
4.4
CTFCF-2R5K
2.5
40
.03
7.9
4.1
CTFCF-2R7K
2.7
43
.03
7.9
4.0
CTFCF-3R3K
3.3
35
.03
7.9
3.7
CTFCF-3R9K
3.9
37
.05
7.9
3.4
CTFCF-4R7K
4.7
37
.05
7.9
3.2
CTFCF-5R0K
5.0
40
.08
7.9
2.9
CTFCF-5R6K
5.6
38
.09
7.9
2.8
CTFCF-6R8K
6.8
29
.11
7.9
2.6
CTFCF-7R6K
7.3
30
.11
7.9
2.5
CTFCF-8R2K
8.2
32
.11
7.9
2.2
CTFCF-100K
10
80
.19
7.9
2.1
CTFCF-120K
12
40
.14
2.5
2.0
CTFCF-150K
15
40
.16
2.5
1.6
CTFCF-180K
18
40
.18
2.5
1.6
CTFCF-220K
22
40
.23
2.5
1.4
CTFCF-250K
25
50
.50
2.5
1.3
CTFCF-270K
27
50
.28
2.5
1.3
CTFCF-330K
33
45
.34
2.5
1.2
CTFCF-390K
39
45
.37
2.5
1.1
CTFCF-470K
47
45
.50
2.5
1.0
CTFCF-500K
50
40
1.1
2.5
1.0
CTFCF-560K
56
40
.69
2.5
.95
CTFCF-680K
68
40
.81
2.5
.90
CTFCF-750K
75
40
1.2
2.5
.86
CTFCF-820K
82
50
1.2
2.5
.86
CTFCF-101K
100
80
1.6
.79
.70
CTFCF-121K
120
70
1.7
.79
.65
CTFCF-151K
150
70
1.8
.79
.60
CTFCF-181K
180
70
2.1
.79
.58
CTFCF-221K
220
50
2.1
.79
.49
CTFCF-251K
250
40
2.7
.79
.49
CTFCF-271K
270
50
2.5
.79
.45
CTFCF-331K
330
50
3.3
.79
.41
CTFCF-391K
390
45
3.4
.79
.39
CTFCF-471K
470
40
5.3
.79
.35
CTFCF-501K
500
35
3.3
.79
.34
CTFCF-561K
560
40
5.4
.79
.32
CTFCF-681K
680
45
5.9
.79
.29
CTFCF-751K
750
30
4.2
.79
.28
CTFCF-821K
820
40
6.3
.79
.27
CTFCF-102K
1000
70
8.6
.25
.21
CTFCF-122K
1200
70
10
.25
.21
CTFCF-152K
1500
62
14
.25
.19
CTFCF-182K
1800
62
16
.25
.17
CTFCF-222K
2200
60
18
.25
.15
CTFCF-252K
2500
60
18
.25
.14
CTFCF-272K
2700
60
19
.25
.14
CTFCF-332K
3300
50
22
.25
.13
CTFCF-392K
3900
50
26
.25
.12
CTFCF-472K
4700
50
29
.25
.11
CTFCF-502K
5000
45
31
.25
.10
CTFCF-602K
6000
35
31
.25
.10
CTFCF-752K
7500
25
50
.25
.08
CTFCF-103K
10000
25
70
.25
.07
CTFCF Series
From 1.0 µH to 10,000 µH
Not shown at actual size.
CHARACTERISTICS
Operating Temperature: -20°C to +100°C
Inductance Tolerance: K = ±10%
Packaging: Bulk pack, 500 parts per bag
Marking: Stamped with Inductance code.
Testing: Tested on an HP4285A at specified frequency
Leads: Soft copper and pre-tinned
Miscellaneous: RoHS Compliant.
PHYSICAL DIMENSIONS
A
B
C
Marking: Inductance Code
D
E
24 AWG
RoHS
Compliant


Similar Part No. - CTFCF-560K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTFCS100-12 ETC2-CTFCS100-12 Datasheet
218Kb / 3P
   Transformers Chassis Mount
CTFCS100-18 ETC2-CTFCS100-18 Datasheet
218Kb / 3P
   Transformers Chassis Mount
CTFCS100-24 ETC2-CTFCS100-24 Datasheet
218Kb / 3P
   Transformers Chassis Mount
CTFCS100-50 ETC2-CTFCS100-50 Datasheet
218Kb / 3P
   Transformers Chassis Mount
CTFCS100-9 ETC2-CTFCS100-9 Datasheet
218Kb / 3P
   Transformers Chassis Mount
More results

Similar Description - CTFCF-560K

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
   Radial Flat Coils
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
logo
RCD COMPONENTS INC.
FRL1ER-R82-KBW RCD-FRL1ER-R82-KBW Datasheet
32Kb / 1P
   FLAT RADIAL LEAD INDUCTOR COILS
logo
Pulse A Technitrol Comp...
PG0434.181NL PULSE-PG0434.181NL Datasheet
242Kb / 2P
   Flat Coils
PG0277.401NL PULSE-PG0277.401NL Datasheet
88Kb / 2P
   Flat Coils
PG0006.601NL PULSE-PG0006.601NL Datasheet
215Kb / 2P
   Flat Coils
logo
ECM Electronics Limited...
RC0910 ECM-RC0910 Datasheet
66Kb / 3P
   Flat Radial Coil
logo
Central Technologies
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
   Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
   Peaking Coils - Radial
CTCH114F CT-CTCH114F Datasheet
467Kb / 1P
   Peaking Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com